công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI7421 bảng dữ liệu(PDF) 36 Page - Texas Instruments

tên linh kiện PCI7421
Giải thích chi tiết về linh kiện  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 bảng dữ liệu(HTML) 36 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 32Page - Texas Instruments PCI7421 Datasheet HTML 33Page - Texas Instruments PCI7421 Datasheet HTML 34Page - Texas Instruments PCI7421 Datasheet HTML 35Page - Texas Instruments PCI7421 Datasheet HTML 36Page - Texas Instruments PCI7421 Datasheet HTML 37Page - Texas Instruments PCI7421 Datasheet HTML 38Page - Texas Instruments PCI7421 Datasheet HTML 39Page - Texas Instruments PCI7421 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 298 page
background image
2−10
Table 2−2. CardBus PC Card Signal Names Sorted Alphabetically (Continued)
SIGNAL NAME
TERMINAL
NUMBER
SIGNAL NAME
TERMINAL
NUMBER
SIGNAL NAME
TERMINAL
NUMBER
SIGNAL
NAME
TERMINAL
NUMBER
GND
G08
NC
W17
SD_CMD
J03
TPBIAS0
U15
GND
G13
PAR
P09
SD_DAT0
G01
TPBIAS1
U17
GND
H13
PCLK
P05
SD_DAT0
H03
TPB0N
W14
GND
J09
PC0(TEST1)
R12
SD_DAT1
G02
TPB0P
V14
GND
J10
PC1(TEST2)
U13
SD_DAT1
J06
TPB1N
W16
GND
J11
PC2(TEST3)
V13
SD_DAT2
G03
TPB1P
V16
GND
K09
PERR
V08
SD_DAT2
J01
TRDY
R08
GND
K10
PHY_TEST_MA
R17
SD_DAT3
H05
VCC
H08
GND
K11
PRST
R03
SD_DAT3
J02
VCC
H09
GND
L08
REQ
U01
SD_WP
H07
VCC
H10
GND
L09
RI_OUT/PME
T03
SERR
U08
VCC
H11
GND
L10
RSVD
T19
SM_ALE
J03
VCC
H12
GND
L11
R0
U18
SM_CD
F06
VCC
J08
GND
L12
R1
U19
SM_CE
H07
VCC
J12
GND
M08
SCL
M03
SM_CLE
J07
VCC
K08
GNT
T02
SC_CD
L02
SM_D0
G01
VCC
K12
GRST
T01
SC_CLK
K05
SM_D1
G02
VCC
M07
IDSEL
W05
SC_DATA
L01
SM_D2
G03
VCC
M09
IRDY
U07
SC_FCB
K02
SM_D3
H05
VCC
M10
LATCH
N02
SC_GPIO0
J07
SM_D4
H03
VCC
M12
MC_PWR_CTRL_0
F01
SC_GPIO1
J05
SM_D5
J06
VCC
N07
MC_PWR_CTRL_1
F02
SC_GPIO2
J03
SM_D6
J01
VCCA
A05
MFUNC0
N03
SC_GPIO3
J02
SM_D7
J02
VCCA
A11
MFUNC1
M05
SC_GPIO4
J01
SM_EL_WP
G05
VCCB
D19
MFUNC2
P01
SC_GPIO5
J06
SM_PHYS_WP
K02
VCCB
K19
MFUNC3
P02
SC_GPIO6
H03
SM_R/B
K01
VCCP
W03
MFUNC4
P03
SC_OC
L03
SM_RE
J05
VCCP
W10
MFUNC5
N05
SC_PWR_CTRL
L05
SM_WE
F03
VDPLL_15
T18
MFUNC6
R01
SC_RFU
K01
SPKROUT
L07
VDPLL_33
V19
MS_BS
F03
SC_RST
K03
STOP
W08
VR_EN
H02
MS_CD
F05
SC_VCC_5V
K07
SUSPEND
R02
VR_PORT
H01
MS_CLK
G05
SDA
M02
TEST0
P12
VR_PORT
M19
MS_DATA1
G02
SD_CD
E03
TPA0N
W15
VSSPLL
P14
MS_DATA2
G03
SD_CLK
G05
TPA0P
V15
VSSPLL
T17
MS_DATA3
H05
SD_CLK
J05
TPA1N
W18
XI
R18
MS_SDIO(DATA0)
G01
SD_CMD
F03
TPA1P
V18
XO
R19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More