| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCI7621 bảng dữ liệu(PDF) 216 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCI7621 bảng dữ liệu(HTML) 216 Page - Texas Instruments |
|
216 / 298 page ![]() 8−36 Table 8−29. Physical Request Filter High Register Description (Continued) BIT FIELD NAME TYPE DESCRIPTION 18 physReqResource50 RSC If bit 18 is set to 1 for local bus node number 50, physical requests received by the controller from that node are handled through the physical request context. 17 physReqResource49 RSC If bit 17 is set to 1 for local bus node number 49, physical requests received by the controller from that node are handled through the physical request context. 16 physReqResource48 RSC If bit 16 is set to 1 for local bus node number 48, physical requests received by the controller from that node are handled through the physical request context. 15 physReqResource47 RSC If bit 15 is set to 1 for local bus node number 47, physical requests received by the controller from that node are handled through the physical request context. 14 physReqResource46 RSC If bit 14 is set to 1 for local bus node number 46, physical requests received by the controller from that node are handled through the physical request context. 13 physReqResource45 RSC If bit 13 is set to 1 for local bus node number 45, physical requests received by the controller from that node are handled through the physical request context. 12 physReqResource44 RSC If bit 12 is set to 1 for local bus node number 44, physical requests received by the controller from that node are handled through the physical request context. 11 physReqResource43 RSC If bit 11 is set to 1 for local bus node number 43, physical requests received by the controller from that node are handled through the physical request context. 10 physReqResource42 RSC If bit 10 is set to 1 for local bus node number 42, physical requests received by the controller from that node are handled through the physical request context. 9 physReqResource41 RSC If bit 9 is set to 1 for local bus node number 41, physical requests received by the controller from that node are handled through the physical request context. 8 physReqResource40 RSC If bit 8 is set to 1 for local bus node number 40, physical requests received by the controller from that node are handled through the physical request context. 7 physReqResource39 RSC If bit 7 is set to 1 for local bus node number 39, physical requests received by the controller from that node are handled through the physical request context. 6 physReqResource38 RSC If bit 6 is set to 1 for local bus node number 38, physical requests received by the controller from that node are handled through the physical request context. 5 physReqResource37 RSC If bit 5 is set to 1 for local bus node number 37, physical requests received by the controller from that node are handled through the physical request context. 4 physReqResource36 RSC If bit 4 is set to 1 for local bus node number 36, physical requests received by the controller from that node are handled through the physical request context. 3 physReqResource35 RSC If bit 3 is set to 1 for local bus node number 35, physical requests received by the controller from that node are handled through the physical request context. 2 physReqResource34 RSC If bit 2 is set to 1 for local bus node number 34, physical requests received by the controller from that node are handled through the physical request context. 1 physReqResource33 RSC If bit 1 is set to 1 for local bus node number 33, physical requests received by the controller from that node are handled through the physical request context. 0 physReqResource32 RSC If bit 0 is set to 1 for local bus node number 32, physical requests received by the controller from that node are handled through the physical request context. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |