| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCI7621 bảng dữ liệu(PDF) 213 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCI7621 bảng dữ liệu(HTML) 213 Page - Texas Instruments |
|
213 / 298 page ![]() 8−33 Table 8−27. Asynchronous Request Filter High Register Description (Continued) BIT FIELD NAME TYPE DESCRIPTION 18 asynReqResource50 RSC If bit 18 is set to 1 for local bus node number 50, asynchronous requests received by the controller from that node are accepted. 17 asynReqResource49 RSC If bit 17 is set to 1 for local bus node number 49, asynchronous requests received by the controller from that node are accepted. 16 asynReqResource48 RSC If bit 16 is set to 1 for local bus node number 48, asynchronous requests received by the controller from that node are accepted. 15 asynReqResource47 RSC If bit 15 is set to 1 for local bus node number 47, asynchronous requests received by the controller from that node are accepted. 14 asynReqResource46 RSC If bit 14 is set to 1 for local bus node number 46, asynchronous requests received by the controller from that node are accepted. 13 asynReqResource45 RSC If bit 13 is set to 1 for local bus node number 45, asynchronous requests received by the controller from that node are accepted. 12 asynReqResource44 RSC If bit 12 is set to 1 for local bus node number 44, asynchronous requests received by the controller from that node are accepted. 11 asynReqResource43 RSC If bit 11 is set to 1 for local bus node number 43, asynchronous requests received by the controller from that node are accepted. 10 asynReqResource42 RSC If bit 10 is set to 1 for local bus node number 42, asynchronous requests received by the controller from that node are accepted. 9 asynReqResource41 RSC If bit 9 is set to 1 for local bus node number 41, asynchronous requests received by the controller from that node are accepted. 8 asynReqResource40 RSC If bit 8 is set to 1 for local bus node number 40, asynchronous requests received by the controller from that node are accepted. 7 asynReqResource39 RSC If bit 7 is set to 1 for local bus node number 39, asynchronous requests received by the controller from that node are accepted. 6 asynReqResource38 RSC If bit 6 is set to 1 for local bus node number 38, asynchronous requests received by the controller from that node are accepted. 5 asynReqResource37 RSC If bit 5 is set to 1 for local bus node number 37, asynchronous requests received by the controller from that node are accepted. 4 asynReqResource36 RSC If bit 4 is set to 1 for local bus node number 36, asynchronous requests received by the controller from that node are accepted. 3 asynReqResource35 RSC If bit 3 is set to 1 for local bus node number 35, asynchronous requests received by the controller from that node are accepted. 2 asynReqResource34 RSC If bit 2 is set to 1 for local bus node number 34, asynchronous requests received by the controller from that node are accepted. 1 asynReqResource33 RSC If bit 1 is set to 1 for local bus node number 33, asynchronous requests received by the controller from that node are accepted. 0 asynReqResource32 RSC If bit 0 is set to 1 for local bus node number 32, asynchronous requests received by the controller from that node are accepted. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |