công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCA9513 bảng dữ liệu(PDF) 11 Page - Integrated Circuit Systems

tên linh kiện PCA9513
Giải thích chi tiết về linh kiện  Hot swappable IC and SMBus bus buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ICST [Integrated Circuit Systems]
Trang chủ  http://www.icst.com
Logo ICST - Integrated Circuit Systems

PCA9513 bảng dữ liệu(HTML) 11 Page - Integrated Circuit Systems

Back Button PCA9513 Datasheet HTML 7Page - Integrated Circuit Systems PCA9513 Datasheet HTML 8Page - Integrated Circuit Systems PCA9513 Datasheet HTML 9Page - Integrated Circuit Systems PCA9513 Datasheet HTML 10Page - Integrated Circuit Systems PCA9513 Datasheet HTML 11Page - Integrated Circuit Systems PCA9513 Datasheet HTML 12Page - Integrated Circuit Systems PCA9513 Datasheet HTML 13Page - Integrated Circuit Systems PCA9513 Datasheet HTML 14Page - Integrated Circuit Systems PCA9513 Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Philips Semiconductors
Product data sheet
PCA9513; PCA9514
Hot swappable I2C and SMBus bus buffer
2004 Oct 05
11
ABSOLUTE MAXIMUM RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134).
Voltages with respect to pin GND.
LIMITS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VCC
Supply voltage range VCC
–0.5
+7
V
Vn
SDAIN, SCLIN, SDAOUT, SCLOUT, READY, ENABLE
–0.5
+7
V
II
Maximum current for inputs
–
±20
mA
IIO
Maximum current for I/O pins
–
±50
mA
Topr
Operating temperature range
–40
+85
°C
Tstg
Storage temperature range
–65
+125
°C
Tsld
Lead soldering temperature (10 sec max)
—
+300
°C
Tj(max)
Maximum junction temperature
—
+125
°C
NOTE:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com