công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC860EC bảng dữ liệu(PDF) 7 Page - Motorola, Inc

tên linh kiện MPC860EC
Giải thích chi tiết về linh kiện  Hardware Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC860EC bảng dữ liệu(HTML) 7 Page - Motorola, Inc

Back Button MPC860EC Datasheet HTML 3Page - Motorola, Inc MPC860EC Datasheet HTML 4Page - Motorola, Inc MPC860EC Datasheet HTML 5Page - Motorola, Inc MPC860EC Datasheet HTML 6Page - Motorola, Inc MPC860EC Datasheet HTML 7Page - Motorola, Inc MPC860EC Datasheet HTML 8Page - Motorola, Inc MPC860EC Datasheet HTML 9Page - Motorola, Inc MPC860EC Datasheet HTML 10Page - Motorola, Inc MPC860EC Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
MOTOROLA
MPC860 Family Hardware Specifications
7
Thermal Characteristics
Part IV Thermal Characteristics
Table 4-3 shows the thermal characteristics for the MPC860.
Table 3-2. Maximum Tolerated Ratings
(GND = 0 V)
Rating
Symbol
Value
Unit
Supply Voltage 1
1 The power supply of the device must start its ramp from 0.0 V.
VDDH
–0.3 to 4.0
V
VDDL
–0.3 to 4.0
V
KAPWR
–0.3 to 4.0
V
VDDSYN
–0.3 to 4.0
V
Input Voltage 2
2 Functional operating conditions are provided with the DC electrical specifications in Table 6-5. Absolute maximum
ratings are stress ratings only; functional operation at the maxima is not guaranteed. Stress beyond those listed may
affect device reliability or cause permanent damage to the device.
Caution: All inputs that tolerate 5 V cannot be more than 2.5 V greater than the supply voltage. This restriction applies
to power-up and normal operation (that is, if the MPC860 is unpowered, voltage greater than 2.5 V must not be
applied to its inputs).
Vin
GND – 0.3 to VDDH
V
Temperature 3 (Standard)
3 Minimum temperatures are guaranteed as ambient temperature, T
A. Maximum temperatures are guaranteed as
junction temperature, Tj.
TA(min)
0˚C
Tj(max)
95
˚C
Temperature 3 (Extended)
TA(min)
–40
˚C
Tj(max)
95
˚C
Storage Temperature Range
Tstg
–55 to 150
˚C
Table 4-3. MPC860 Thermal Resistance Data
Rating
Environment
Symbol
Rev A
Rev
B, C, D
Unit
Junction to Ambient 1
1 Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
Natural Convection
Single layer board (1s)
RθJA
2
31
40
°C/W
Four layer board (2s2p)
RθJMA
3
20
25
Air Flow (200 ft/min)
Single layer board (1s)
RθJMA
3
26
32
Four layer board (2s2p)
RθJMA
3
16
21
Junction to Board 4
RθJB
815
Junction to Case 5
RθJC
57
Junction to Package Top
6
Natural Convection
ΨJT
12
Air Flow (200 ft/min)
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com