công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMX339ASD bảng dữ liệu(PDF) 8 Page - Maxim Integrated Products

tên linh kiện LMX339ASD
Giải thích chi tiết về linh kiện  General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LMX339ASD bảng dữ liệu(HTML) 8 Page - Maxim Integrated Products

Back Button LMX339ASD Datasheet HTML 4Page - Maxim Integrated Products LMX339ASD Datasheet HTML 5Page - Maxim Integrated Products LMX339ASD Datasheet HTML 6Page - Maxim Integrated Products LMX339ASD Datasheet HTML 7Page - Maxim Integrated Products LMX339ASD Datasheet HTML 8Page - Maxim Integrated Products LMX339ASD Datasheet HTML 9Page - Maxim Integrated Products LMX339ASD Datasheet HTML 10Page - Maxim Integrated Products LMX339ASD Datasheet HTML 11Page - Maxim Integrated Products LMX339ASD Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
General-Purpose, Low-Voltage,
Single/Dual/Quad, Tiny-Pack Comparators
8
_______________________________________________________________________________________
1) Find output voltage when output is high:
VOUT(HIGH) = VDD - ILOAD ✕ RL
2) Find the trip points of the comparator using these
formulas:
VTH = VREF + ((VOUT(HIGH) - VREF)R2) / (R1 + R2)
VTL = VREF(1 - (R2 / (R1 + R2)))
where VTH is the threshold voltage at which the com-
parator switches its output from high to low as VIN rises
above the trip point, and VTL is the threshold voltage at
which the comparator switches its output from low to
high as VIN drops below the trip point.
3) The hysteresis band will be:
VHYST = VTH - VTL = VDD(R2 / (R1 + R2))
In this example, let VDD = 5V, VREF = 2.5V, ILOAD =
50nA, RL = 5.1k
Ω:
VOUT(HIGH) = 5.0V - (50 ✕ 10-9 ✕ 5.1 ✕ 103
Ω) ≈ 5.0V
VTH = 2.5V + 2.5V(R2 / (R1 + R2))
VTL = 2.5V(1 - (R2 / (R1 + R2)))
Select R2. In this example, we will choose 1k
Ω.
Select VHYST. In this example, we will choose 50mV.
Solve for R1:
VHYST = VOUT(HIGH)(R2 / (R1 + R2)) V
0.050V = 5(1000 / (R1 + 1000)) V
where R1
≈ 100kΩ, VTH = 2.525V, and VTL = 2.475V.
Choose R1 and R2 to be large enough as not to exceed
the amount of current the reference can supply.
The source current required is VREF / (R1 + R2).
The sink current is (VOUT(HIGH) - VREF) ✕ (R1 + R2).
Choose RL to be large enough to avoid drawing excess
current, yet small enough to supply the necessary cur-
rent to drive the load. RL should be between 1k
Ω and
10k
Ω.
Board Layout and Bypassing
Use 0.1µF bypass capacitors from VDD to VSS. To max-
imize performance, minimize stray inductance by
putting this capacitor close to the VDD pin and reduc-
ing trace lengths. For slow-moving input signals (rise
time > 1ms), use a 1nF capacitor between IN+ and IN-
to reduce high-frequency noise.
Chip Information
LMX331/LMX331H TRANSISTOR COUNT: 112
LMX393/LMX393H TRANSISTOR COUNT: 211
LMX339/LMX339H TRANSISTOR COUNT: 411
LMX331
R1
R2
IN+
IN-
VDD
VOUT
VSS
VREF
VIN
VDD
OUT
RL
Figure 2. Adding Hysteresis with External Resistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com