| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD7779ACPZ bảng dữ liệu(PDF) 65 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7779ACPZ bảng dữ liệu(HTML) 65 Page - Analog Devices |
|
65 / 101 page ![]() AD7779 Data Sheet Rev. A | Page 64 of 100 REGISTER DETAILS CHANNEL 0 CONFIGURATION REGISTER Address: 0x000, Reset: 0x00, Name: CH0_CONFIG AFE Gain 11: Gain 8. 10: Gain 4. 01: Gain 2. 00: Gain 1. Channel us ed as Reference m onitor Channel Meter Mux RX Mode 0 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 [7:6] CH0_GAIN (R/W) [2:0] RESERVED [5] CH0_REF_MONITOR (R/W) [3] RESERVED [4] CH0_RX (R/W) Table 44. Bit Descriptions for CH0_CONFIG Bits Bit Name Settings Description Reset Access [7:6] CH0_GAIN AFE Gain 0x0 R/W 00 Gain 1 01 Gain 2 10 Gain 4 11 Gain 8 5 CH0_REF_MONITOR Channel Used as Reference Monitor 0x0 R/W 4 CH0_RX Channel Meter Mux Rx Mode 0x0 R/W [3:0] RESERVED Reserved 0x0 R/W CHANNEL 1 CONFIGURATION REGISTER Address: 0x001, Reset: 0x00, Name: CH1_CONFIG AFE Gain 11: Gain = 8. 10: Gain = 4. 01: Gain = 2. 00: Gain = 1. Channel used as Reference m onitor Channel Meter Mux RX Mode 0 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 [7:6] CH1_GAIN (R/W) [2:0] RESERVED [5] CH1_REF_MONITOR (R/W) [3] RESERVED [4] CH1_RX (R/W) Table 45. Bit Descriptions for CH1_CONFIG Bits Bit Name Settings Description Reset Access [7:6] CH1_GAIN AFE Gain 0x0 R/W 00 Gain = 1 01 Gain = 2 10 Gain = 4 11 Gain = 8 5 CH1_REF_MONITOR Channel Used as Reference Monitor 0x0 R/W 4 CH1_RX Channel Meter Mux Rx Mode 0x0 R/W [3:0] RESERVED Reserved 0x0 R/W |