công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NLSX3012 bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện NLSX3012
Giải thích chi tiết về linh kiện  Dual-Supply Level Translator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX3012 bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  NLSX3012 Datasheet HTML 1Page - ON Semiconductor NLSX3012 Datasheet HTML 2Page - ON Semiconductor NLSX3012 Datasheet HTML 3Page - ON Semiconductor NLSX3012 Datasheet HTML 4Page - ON Semiconductor NLSX3012 Datasheet HTML 5Page - ON Semiconductor NLSX3012 Datasheet HTML 6Page - ON Semiconductor NLSX3012 Datasheet HTML 7Page - ON Semiconductor NLSX3012 Datasheet HTML 8Page - ON Semiconductor NLSX3012 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NLSX3012
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Condition
Unit
VCC
VCC Supply Voltage
−0.5 to +5.5
V
VL
VL Supply Voltage
−0.5 to +5.5
V
I/O VCC
VCC−Referenced DC Input/Output Voltage
−0.5 to (VCC + 0.3)
V
I/O VL
VL−Referenced DC Input/Output Voltage
−0.5 to (VL + 0.3)
V
VEN
Enable Control Pin DC Input Voltage
−0.5 to +5.5
V
IIK
Input Diode Clamp Current
−50
VI < GND
mA
IOK
Output Diode Clamp Current
−50
VO < GND
mA
ICC
DC Supply Current Through VCC
$100
mA
IL
DC Supply Current Through VL
$100
mA
IGND
DC Ground Current Through Ground Pin
$100
mA
TSTG
Storage Temperature
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
VCC Supply Voltage
1.3
4.5
V
VL
VL Supply Voltage
0.9
VCC − 0.4
V
VEN
Enable Control Pin Voltage
GND
4.5
V
VIO
Bus Input/Output Voltage
I/O VCC
I/O VL
GND
GND
4.5
4.5
V
TA
Operating Temperature Range
−40
+85
°C
DI/DV
Input Transition Rise or Rate
VI, VIO from 30% to 70% of VCC; VCC = 3.3 V $ 0.3 V
0
10
ns
Figure 1. Typical Application Circuit
I/O VL1
I/O VL2
EN
EN
I/O2
I/O1
GND
+1.8 V System
+1.8V
+3.6V
+3.6 V System
I/O2
I/O1
GND
GND
NLSX3012
I/O VCC1
I/O VCC2
VL
VCC
Figure 2. Simplified Functional Diagram (1 I/O Line)
(EN = 1)
P
One−Shot
N
One−Shot
P
One−Shot
N
One−Shot
VL
I/O VL
I/O VCC
VCC
4 kW
4 kW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com