công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RG.02.02.3000W bảng dữ liệu(PDF) 2 Page - Taoglas antenna solutions

tên linh kiện RG.02.02.3000W
Giải thích chi tiết về linh kiện  UV and Vandal resistant PP housing
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TAOGLAS [Taoglas antenna solutions]
Trang chủ  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

RG.02.02.3000W bảng dữ liệu(HTML) 2 Page - Taoglas antenna solutions

  RG.02.02.3000W Datasheet HTML 1Page - Taoglas antenna solutions RG.02.02.3000W Datasheet HTML 2Page - Taoglas antenna solutions RG.02.02.3000W Datasheet HTML 3Page - Taoglas antenna solutions RG.02.02.3000W Datasheet HTML 4Page - Taoglas antenna solutions RG.02.02.3000W Datasheet HTML 5Page - Taoglas antenna solutions RG.02.02.3000W Datasheet HTML 6Page - Taoglas antenna solutions RG.02.02.3000W Datasheet HTML 7Page - Taoglas antenna solutions RG.02.02.3000W Datasheet HTML 8Page - Taoglas antenna solutions RG.02.02.3000W Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SPE-14-8-038/C/AS
Page 2 of 13
1. Introduction
Taoglas USA has designed a range of efficient antennas inside US standard raised non-reflective
road markers. These are designed for, and installed inside, the low profile “Bott’s dots” that can
be mounted directly on the pavement and road in the USA.
These antennas exhibit remarkably high efficiencies in such small packages and live in a very
low profile enclosure. They are designed to be mounted directly on the road, pavement, or
manhole cover, just like a standard road marker.
These antennas have been potted with the epoxy that is traditionally used to secure the road
marker itself to the ground. There are no air gaps whatsoever inside the new type approved
road marker with antenna, in order to maintain the mechanical integrity. It is presumed that the
standard black epoxy will also be used to install the road marker in its final resting place on the
ground.
The CAB.820 cable assembly is included so the antenna cable can be easily disconnected if
desired. This is useful when the antenna is mounted on a manhole cover. If the manhole cover
is lifted, the cable will split at the push-pull connectors, preventing damage to the cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13