| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP95CU54AF bảng dữ liệu(PDF) 24 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP95CU54AF bảng dữ liệu(HTML) 24 Page - Toshiba Semiconductor |
|
24 / 48 page ![]() Quality and Reliability Assurance / Handling Precautions 030901 QUA-24 2002-02-20 2.2 Transport Precautions The device and its packaging material should be handled with care. To avoid damage to the device, do not toss or drop it. During transport, ensure that the device is not subjected to mechanical vibration or shock. Avoid getting devices wet. Moisture can also adversely affect the packaging by nullifying the effect of the anti-static agent. 2.3 Using Toshiba Semiconductor Safely TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the “Handling Guide for Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability Handbook” etc.. The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (“Unintended Usage”). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer’s own risk. |