| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S4261PBS bảng dữ liệu(PDF) 2 Page - Summit Microelectronics, Inc. |
|
|
|||||||||||||||||||||||||||||
S4261PBS bảng dữ liệu(HTML) 2 Page - Summit Microelectronics, Inc. |
|
2 / 16 page ![]() 2 S4242/S42WD42/S4261/S42WD61 2025 6.0 4/17/00 ABSOLUTE MAXIMUM RATINGS Temperature Under Bias ............................................................................................................................... -40°C to +85°C Storage Temperature ..................................................................................................................................... -65°C to +125°C Soldering Temperature (less than 10 seconds) ................................................................................................................... 300°C Supply Voltage ............................................................................................................................................................. 0 to 6.5V Voltage on Any Pin ....................................................................................................................................... -0.3V to VCC+0.3V ESD Voltage (JEDEC method) .......................................................................................................................................... 2,000V NOTE: These are STRESS ratings only. Appropriate conditions for operating these devices are given elsewhere in this specification. Stresses beyond those listed here may permanently damage the part. Prolonged exposure to maximum ratings may affect device reliability. 2.7V to 4.5V 4.5V to 5.5V Symbol Parameter Conditions Min Max Min Max Units fSCL SCL Clock Frequency 0 100 400 KHz tLOW Clock Low Period 4.7 1.3 µs tHIGH Clock High Period 4.0 0.6 µs tBUF Bus Free Time Before New Transmission 4.7 1.3 µs tSU:STA Start Condition Setup Time 4.7 0.6 µs tHD:STA Start Condition Hold Time 4.0 0.6 µs tSU:STO Stop Condition Setup Time 4.7 0.6 µs tAA Clock to Output SCL Low to SDA Data Out Valid 0.3 3.5 0.2 0.9 µs tDH Data Out Hold Time SCL Low to SDA Data Out Change 0.3 0.2 µs tR SCL and SDA Rise Time 1000 300 ns tF SCL and SDA Fall Time 300 300 ns tSU:DAT Data In Setup Time 250 100 ns tHD:DAT Data In Hold Time 0 0 ns TI Noise Spike Width Noise Suppression Time Constant 100 100 ns @ SCL, SDA Inputs tWR Write Cycle Time 10 10 ms AC ELECTRICAL CHARACTERISTICS (over recommended operating conditions unless otherwise specified) 2025 PGM T3.0 2025 PGM T2.0 DC ELECTRICAL CHARACTERISTICS (over recommended operating conditions unless otherwise specified) Symbol Parameter Conditions Min Max Units SCL = CMOS Levels @ 100KHz VCC =5.5V 3 mA ICC Supply Current (CMOS) SDA = Open All other inputs = GND or VCC VCC =3.3V 2 mA ISB Standby Current (CMOS) SCL = SDA = VCC VCC =5.5V 50 µA All other inputs = GND ILI Input Leakage VIN = 0 To VCC 10 µA ILO Output Leakage VOUT = 0 To VCC 10 µA VIL Input Low Voltage SCL, SDA, RESET# (pin 2) 0.3xVCC V VIH Input High Voltage SCL, SDA, RESET (pin7) 0.7xVCC V VOL Output Low Voltage IOL = 3mA SDA 0.4 V VCC =3.3V 25 µA Temperature Min Max Commercial 0°C +70°C Industrial -40°C +85°C RECOMMENDED OPERATING CONDITIONS 2025 PGM T1.0 |