công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP93CW44DF bảng dữ liệu(PDF) 45 Page - Toshiba Semiconductor

tên linh kiện TMP93CW44DF
Giải thích chi tiết về linh kiện  Quality And Reliability Assurance / Handling Precautions
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CW44DF bảng dữ liệu(HTML) 45 Page - Toshiba Semiconductor

Back Button TMP93CW44DF Datasheet HTML 40Page - Toshiba Semiconductor TMP93CW44DF Datasheet HTML 41Page - Toshiba Semiconductor TMP93CW44DF Datasheet HTML 42Page - Toshiba Semiconductor TMP93CW44DF Datasheet HTML 43Page - Toshiba Semiconductor TMP93CW44DF Datasheet HTML 44Page - Toshiba Semiconductor TMP93CW44DF Datasheet HTML 45Page - Toshiba Semiconductor TMP93CW44DF Datasheet HTML 46Page - Toshiba Semiconductor TMP93CW44DF Datasheet HTML 47Page - Toshiba Semiconductor TMP93CW44DF Datasheet HTML 48Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
Quality and Reliability Assurance / Handling Precautions
030901
QUA-45
2002-02-20
4.5.5
Circuit Board Coating
When devices are to be used in equipment requiring a high degree of reliability
or in extreme environments (where moisture, corrosive gas or dust is present),
circuit boards may be coated for protection. However, before doing so, you
must carefully consider the possible stress and contamination effects that may
result and then choose the coating resin which results in the minimum level of
stress to the device.
4.6
Protecting Devices in the Field
4.6.1
Temperature
Semiconductor devices are generally more sensitive to temperature than are
other electronic components. The various electrical characteristics of a
semiconductor device are dependent on the ambient temperature at which the
device is used. It is therefore necessary to understand the temperature
characteristics of a device and to incorporate device derating into circuit
design. Note also that if a device is used above its maximum temperature
rating, device deterioration is more rapid and it will reach the end of its usable
life sooner than expected.
4.6.2
Humidity
Resin-molded devices are sometimes improperly sealed. When these devices
are used for an extended period of time in a high-humidity environment,
moisture can penetrate into the device and cause chip degradation or
malfunction. Furthermore, when devices are mounted on a regular printed
circuit board, the impedance between wiring components can decrease under
high-humidity conditions. In systems which require a high signal-source
impedance, circuit board leakage or leakage between device lead pins can
cause malfunctions. The application of a moisture-proof treatment to the
device surface should be considered in this case. On the other hand, operation
under low-humidity conditions can damage a device due to the occurrence of
electrostatic discharge. Unless damp-proofing measures have been specifically
taken, use devices only in environments with appropriate ambient moisture
levels (i.e. within a relative humidity range of 40% to 60%).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com