công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSOP853 bảng dữ liệu(PDF) 6 Page - Vishay Siliconix

tên linh kiện TSOP853
Giải thích chi tiết về linh kiện  IR Receiver Modules for Remote Control Systems
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP853 bảng dữ liệu(HTML) 6 Page - Vishay Siliconix

Back Button TSOP853 Datasheet HTML 2Page - Vishay Siliconix TSOP853 Datasheet HTML 3Page - Vishay Siliconix TSOP853 Datasheet HTML 4Page - Vishay Siliconix TSOP853 Datasheet HTML 5Page - Vishay Siliconix TSOP853 Datasheet HTML 6Page - Vishay Siliconix TSOP853 Datasheet HTML 7Page - Vishay Siliconix TSOP853 Datasheet HTML 8Page - Vishay Siliconix TSOP853 Datasheet HTML 9Page - Vishay Siliconix TSOP853 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TSOP853.., TSOP855..
www.vishay.com
Vishay Semiconductors
Not for New Designs
Rev. 1.9, 07-Nov-13
6
Document Number: 81860
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters
ASSEMBLY INSTRUCTIONS
Reflow Soldering
• Reflow soldering must be done within 72 h while stored
under a max. temperature of 30 °C, 60 % RH after
opening the dry pack envelope
• Set the furnace temperatures for pre-heating and heating
in accordance with the reflow temperature profile as
shown in the diagram. Excercise extreme care to keep the
maximum temperature below 260 °C. The temperature
shown in the profile means the temperature at the device
surface. Since there is a temperature difference between
the component and the circuit board, it should be verified
that the temperature of the device is accurately being
measured
• Handling after reflow should be done only after the work
surface has been cooled off
Manual Soldering
• Use a soldering iron of 25 W or less. Adjust the
temperature of the soldering iron below 300 °C
• Finish soldering within 3 s
• Handle products only after the temperature has cooled off
(2.2)
(4.9)
1.7 nom.
1.7 nom.
8
Not indicated to lerances ± 0.25
Proposed pad layout from component side
(dim. for reference only)
(0.6) (5x)
(R1.35)
1.7 nom
1.7 nom
0.7
(5x)
(sideview assembly)
(topview assembly)
0.8
(5x)
1.7
12
34
5
4 x 1.7 = 6.8
1.7
4 x 1.7 = 6.8
optional GND pad
connection not necessary
specifications
according to DIN
technical drawings
Drawing-No.: 6.550-5292.01-4
Issue: 3; 19.11.10
20426
Marking area
Pick and Place area
possible package deviations caused by
tolerances in the manufacturing process
either on pick and place side or solder pad side
0 - 0.1
(R1.35)
5:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com