công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC6911-2 bảng dữ liệu(PDF) 3 Page - Linear Technology

tên linh kiện LTC6911-2
Giải thích chi tiết về linh kiện  Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC6911-2 bảng dữ liệu(HTML) 3 Page - Linear Technology

  LTC6911-2 Datasheet HTML 1Page - Linear Technology LTC6911-2 Datasheet HTML 2Page - Linear Technology LTC6911-2 Datasheet HTML 3Page - Linear Technology LTC6911-2 Datasheet HTML 4Page - Linear Technology LTC6911-2 Datasheet HTML 5Page - Linear Technology LTC6911-2 Datasheet HTML 6Page - Linear Technology LTC6911-2 Datasheet HTML 7Page - Linear Technology LTC6911-2 Datasheet HTML 8Page - Linear Technology LTC6911-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC6911-1/LTC6911-2
3
sn691112 691112fs
The q denotes the specifications that apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, AGND = 2.5V, Gain = 1 (Digital Inputs 001), RL = 10k
to midsupply point, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
C/I GRADES
H GRADE
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
LTC6911-1/LTC6911-2
Total Supply Voltage (VS)
q
2.7
10.5
2.7
10.5
V
Supply Current per Channel
VS = 2.7V, VINA = VINB = VAGND
q
2.1
3.15
2.1
3.25
mA
VS = 5V, VINA = VINB = VAGND
q
2.5
3.75
2.5
4.00
mA
VS = ±5V, VINA = VINB = 0V, Pins 4, 5, 6 = –4.5V or 5V q
3.1
4.65
3.1
5.00
mA
VS = ±5V, VINA = VINB = 0V, Pin 4 = 4.5V,
q
3.1
4.65
3.1
5.00
mA
Pins 5, 6 = 0.5V
Output Voltage Swing LOW (Note 4)
VS = 2.7V, RL = 10k Tied to Mid Supply
q
12
30
12
35
mV
VS = 2.7V, RL = 500Ω Tied to Mid Supply
q
60
110
60
125
mV
VS = 5V, RL = 10k Tied to Mid Supply
q
20
40
20
45
mV
VS = 5V, RL = 500Ω Tied to Mid Supply
q
100
170
100
190
mV
VS = ±5V, RL = 10k Tied to 0V
q
30
50
30
60
mV
VS = ±5V, RL = 500Ω Tied to 0V
q
190
260
190
290
mV
Output Voltage Swing HIGH (Note 4)
VS = 2.7V, RL = 10k Tied to Mid Supply
q
10
20
10
25
mV
VS = 2.7V, RL = 500Ω Tied to Mid Supply
q
50
80
50
90
mV
VS = 5V, RL = 10k Tied to Mid Supply
q
10
30
10
35
mV
VS = 5V, RL = 500Ω Tied to Mid Supply
q
90
160
90
175
mV
VS = ±5V, RL = 10k Tied to 0V
q
20
40
20
45
mV
VS = ±5V, RL = 500Ω Tied to 0V
q
180
250
180
270
mV
Output Short-Circuit Current (Note 5)
VS = 2.7V
q
±27
±27
mA
VS = ±5V
q
±35
±35
mA
AGND Open-Circuit Voltage
VS = 5V
q
2.45
2.5
2.55
2.45
2.5
2.55
V
AGND (Common Mode)
VS = 2.7V
q
0.55
1.60
0.55
1.60
V
Input Voltage Range
VS = 5V
q
0.75
3.65
0.75
3.65
V
VS = ±5V
q
– 4.30
3.20
– 4.30
3.20
V
AGND Rejection (i.e., Common
VS = 2.7V, VAGND = 1.1V to 1.6V
q
55
80
50
80
dB
Mode Rejection or CMRR)
VS = ±5V, VAGND = – 2.5V to 2.5V
q
55
75
50
75
dB
Power Supply Rejection Ratio (PSRR)
VS = 2.7V to ±5V
q
60
80
57
80
dB
Slew Rate
VS = 5V, VOUTA = VOUTB = 1.1V to 3.9V
12
12
V/
µs
VS = ±5V, VOUTA = VOUTB = ±1.4V
16
16
V/
µs
Signal Attenuation at Gain = 0 Setting
Gain = 0 (Digital Inputs 000), f = 20kHz
q
– 120
– 120
dB
Digital Input “High” Voltage
VS = 2.7V
q
2.43
2.43
V
VS = 5V
q
4.50
4.50
V
VS = ±5V
q
4.50
4.50
V
Digital Input “Low” Voltage
VS = 2.7V
q
0.27
0.27
V
VS = 5V
q
0.50
0.50
V
VS = ±5V
q
0.50
0.50
V
Digital Input “High” Current
VS = 2.7V, Pins 4, 5, 6 = 2.43V
q
11
µA
VS = 5V, Pins 4, 5, 6 = 4.5V
q
55
µA
VS = ±5V, Pins 4, 5, 6 = 4.5V
q
10
10
µA
Digital Input “Low” Current
VS = 2.7V, Pins 4, 5, 6 = 0.27V
q
11
µA
VS = 5V, Pins 4, 5, 6 = 0.5V
q
55
µA
VS = ±5V, Pins 4, 5, 6 = 0.5V
q
10
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com