công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M61606PFSN bảng dữ liệu(PDF) 2 Page - MTRONPTI

tên linh kiện M61606PFSN
Giải thích chi tiết về linh kiện  5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MTRONPTI [MTRONPTI]
Trang chủ  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M61606PFSN bảng dữ liệu(HTML) 2 Page - MTRONPTI

  M61606PFSN Datasheet HTML 1Page - MTRONPTI M61606PFSN Datasheet HTML 2Page - MTRONPTI M61606PFSN Datasheet HTML 3Page - MTRONPTI M61606PFSN Datasheet HTML 4Page - MTRONPTI M61606PFSN Datasheet HTML 5Page - MTRONPTI M61606PFSN Datasheet HTML 6Page - MTRONPTI M61606PFSN Datasheet HTML 7Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
2
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
Performance Characteristics
M616x Series
5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave,
Precision TCXO/TCVCXO
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions/Notes
Frequency Range
FO
8
52
MHz
Contact factory above 40 MHz
Operating Temperature
TA
-40
+85
°C
See Ordering Information
Storage Temperature
TSTG
-55
+125
°C
Frequency Tolerance @ +25°C
-1.0
+1.0
ppm
For TCXO only
Frequency Stability
See Ordering Information
(Fmax – Fmin)/2
Stability Vs. Reflow
-1.0
+1.0
ppm
Frequency Vs. Supply
±0.02
±0.1
ppm
For 5% supply voltage variation
Frequency Vs. Load
±0.02
±0.1
ppm
For 5% load variation
Aging (First Year)
-1.0
+1.0
ppm
F0 < 20 MHz
Aging (First Year)
-2.0
+2.0
ppm
F0 > 20 MHz
Aging (10 Year)
-3.0
+3.0
ppm
F0 < 20 MHz (Includes first year)
Aging (10 Year)
-5.0
+5.0
ppm
F0 > 20 MHz (Includes first year)
Supply Voltage Tolerance
-5.0
+5.0
%
See Ordering Information
Supply Current (ID)
2.0
3.0
mA
HCMOS output at 13 MHz
3.0
4.0
mA
HCMOS output at 26 MHz
5.5
6.5
mA
HCMOS output at 52 MHz
1.3
1.9
mA
Clipped sinewave output at 13 MHz
1.7
2.3
mA
Clipped sinewave output at 26 MHz
2.8
3.5
mA
Clipped sinewave output at 52 MHz
Output Logic Levels
VOL
20
%VS
IOH/IOL = ± 4 mA, Vs = +3.0 V
(HCMOS)
VOH
80
%VS
IOH/IOL = ± 4 mA, Vs = +3.0 V
Output Level
1.0
Vpk-pk
Fo < 40 MHz
(Clipped Sinewave)
0.8
Vpk-pk
Fo > 40 MHz
Waveform Symmetry
40
60
%
Ref. to ½ VS. HCMOS only
Rise/Fall Time
6.5
ns
Ref. 10% to 90%. HCMOS only
Output Load
15
pF
HCMOS output
10/10
Kohm/pF
Clipped sinewave output
Frequency Adjustment
-5.0
+5.0
ppm
Over Control Voltage Range
G-Sensitivity
0.6
ppb/g
Control Voltage Range
0.3
2.7
Volts
For VS = 3.0
0.3
3.0
Volts
For VS = 3.3
0.5
4.5
Volts
For VS = 5.0
Input Leakage Current
-50
+50
µA
Input Resistance
100
Kohm
Linearity
5
%
Modulation Bandwidth
2 kHz
Tristate Function
70
%VS
Output enabled. Logic “1” or “Open”
30
%VS
Output disabled. Logic “0” or “GND”
Tristate Leakage Current
-100
+100
µA
Phase Noise
-98
dBc/Hz
10 Hz Offset
(Typical 20 MHz CMOS)
-125
dBc/Hz
100 Hz Offset
-145
dBc/Hz
1 KHz Offset
-154
dBc/Hz
10 KHz Offset
-156
dBc/Hz
100 kHz Offset
Shock
MIL-STD-202, Method 213, Condition C
100 g
Vibration
MIL-STD-202, Methods 201 & 204
10 g from 10 to 2000 Hz
Solderability
EIAJ-STD-002
Package
5.0 x 7.0 mm, SMT and DIP
RoHS Compliant
Max Soldering Conditions
See solder profile



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com