công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

86331E3 bảng dữ liệu(PDF) 2 Page - Vishay Siliconix

tên linh kiện 86331E3
Giải thích chi tiết về linh kiện  Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

86331E3 bảng dữ liệu(HTML) 2 Page - Vishay Siliconix

  86331E3 Datasheet HTML 1Page - Vishay Siliconix 86331E3 Datasheet HTML 2Page - Vishay Siliconix 86331E3 Datasheet HTML 3Page - Vishay Siliconix 86331E3 Datasheet HTML 4Page - Vishay Siliconix 86331E3 Datasheet HTML 5Page - Vishay Siliconix 86331E3 Datasheet HTML 6Page - Vishay Siliconix 86331E3 Datasheet HTML 7Page - Vishay Siliconix 86331E3 Datasheet HTML 8Page - Vishay Siliconix 86331E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
159 PUL-SI
www.vishay.com
Vishay BCcomponents
Revision: 31-Jan-17
2
Document Number: 28341
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters AND AVAILABLE FORMS
TWO TERMINAL SNAP-IN
Fig. 2 - Two terminal snap-in
Fig. 3 - Mounting hole diagram
THREE TERMINAL SNAP-IN
Fig. 4 - Three terminal snap-in
Fig. 5 - Mounting hole diagram
270
-
22 x 35
25 x 50
30 x 45
30 x 50
-
25 x 30
30 x 40
35 x 35
35 x 40
-
30 x 25
35 x 30
-
-
330
22 x 30
22 x 40
30 x 45
30 x 50
35 x 45
-
25 x 30
35 x 35
35 x 40
-
-
30 x 25
-
-
-
390
22 x 35
25 x 35
30 x 50
35 x 45
35 x 55
25 x 30
30 x 30
35 x 40
-
-
470
22 x 40
25 x 40
35 x 45
35 x 50
35 x 60
30 x 25
30 x 30
-
35 x 40
-
-
35 x 25
-
-
-
560
-
25 x 45
-
35 x 60
-
25 x 35
30 x 35
-
-
-
30 x 30
35 x 30
-
-
-
680
25 x 45
30 x 40
35 x 60
-
-
30 x 30
35 x 35
-
-
-
35 x 25
-
-
-
-
820
25 x 50
30 x 45
-
-
-
30 x 35
35 x 35
-
-
-
35 x 30
35 x 40
-
-
-
1000
30 x 45
35 x 40
-
-
-
35 x 35
35 x 45
-
-
-
1200
30 x 50
35 x 45
-
-
-
35 x 35
35 x 50
-
-
-
1500
35 x 45
-
-
-
-
1800
35 x 50
-
-
-
-
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(μF)
UR (V)
200
250
400
450
500
Ø D
L + 2 max.
L
Bottom view
5.8
mm
+ 0
- 1
+ Terminal
- Terminal
The minus terminal can be marked with a black dot
or with an imprinted “-” sign.
10 ± 0.1
Ø 2 ± 0.1 (2 x)
L
Bottom view
Minus pole
marking
Ø D
L + 2 max.
4 ± 0.5
+ Terminal
- Terminal
The negative terminal has TWO pins which are BOTH
electrically connected
10 ± 0.1
3.3 ± 0.1
4.75 ± 0.1
2.5 ± 0.1
2 ± 0.1 (2 x)
The 10 mm spacing of the 2 pin
snap-in is used as the base layout
and a third hole is added.
The third hole is closer to the
negative primary hole so that
polarization is always maintained,
together with added mechanical
stability.
Ø
Ø



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com