| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
196HVC bảng dữ liệu(PDF) 5 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
196HVC bảng dữ liệu(HTML) 5 Page - Vishay Siliconix |
|
5 / 15 page ![]() 196 HVC ENYCAP™ www.vishay.com Vishay BCcomponents Revision: 13-Jan-17 5 Document Number: 28409 For technical questions, contact: hybridstorage@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 LAY FLAT CONFIGURATION (LFC) WITH CONNECTOR: Example 5 cells in series Fig. 10 - Form F: Lay Flat (example for 5 cells) Fig. 11 - Form I: Stacked Through Hole Oval (PCBD) Fig. 12 - Form K: Stacked Through Hole Oval Horizontal Fig. 13 - Form G: Stacked Through Hole Oval (PCBD) Red (AWG 28, UL 1061) Black (AWG 28, UL 1061) Molex connector; Housing: 51146-0200 Terminal: 50641-8041 L max. 3.5 max. Ø D max. Pin 1: red Pin 2: black + - 50 + 5 - 5 + - + - L max. 3 (3 x) F 1 1 (2 x) + 0.5 - 0.5 27 max. 15.5 max. F 0.25 (2 x) L max. F 1 5 27 max. 1 (3 x) 0.2 (2 x) F 0.5 + - + 0.5 - 0.5 + - + - L max. 3 (3 x) F 1 1 (2 x) + 0.5 - 0.5 35 max. 25 max. F 0.25 (2 x) |