công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

THS4304DBVR bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện THS4304DBVR
Giải thích chi tiết về linh kiện  Wideband Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

THS4304DBVR bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button THS4304DBVR Datasheet HTML 4Page - Texas Instruments THS4304DBVR Datasheet HTML 5Page - Texas Instruments THS4304DBVR Datasheet HTML 6Page - Texas Instruments THS4304DBVR Datasheet HTML 7Page - Texas Instruments THS4304DBVR Datasheet HTML 8Page - Texas Instruments THS4304DBVR Datasheet HTML 9Page - Texas Instruments THS4304DBVR Datasheet HTML 10Page - Texas Instruments THS4304DBVR Datasheet HTML 11Page - Texas Instruments THS4304DBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
THS4304
SLOS436A – MARCH 2004 – REVISED JULY 2004
Table of Graphs
FIGURE
5 V
Frequency response
1–3, 5, 6
0.1-dB Flatness
4
Frequency response by package
7
S-Parameters
vs Frequency
8
2nd Harmonic distortion
vs Frequency
9, 11
3rd Harmonic distortion
vs Frequency
10, 12
2nd Harmonic distortion
vs Output voltage
13
3rd Harmonic distortion
vs Output voltage
14
IMD3
3rd Order intermodulation distortion
vs Frequency
15
OIP3
3rd Order output intercept point
vs Frequency
16
SR
Slew rate
vs Output voltage
17
Vn/In
Noise
vs Frequency
18
Noise figure
vs Frequency
19
Iq
Quiescent current
vs Supply voltage
20
Rejection ratio
vs Frequency
21
VO
Output voltage
vs Load resistance
22
VOS
Input offset voltage
vs Input common-mode voltage
23
IIB
Input bias and offset current
vs Case temperature
24
VOS
Input offset voltage
vs Case temperature
25
Open-loop gain
vs Frequency
26
VO
Small-signal transient response
27
VO
Large-signal transient response
28
VO
Settling time
29
VO
Overdrive recovery time
30
ZO
Output impedance
vs Frequency
31
3 V
Frequency response
32–35
2nd Harmonic distortion
vs Frequency
36
3rd Harmonic distortion
vs Frequency
37
Harmonic Distortion
vs Output voltage
38
SR
Slew rate
vs Output voltage
39
VO
Settling time
40
VO
Output voltage
vs Load resistance
41
IIB
Input bias and offset current
vs Case temperature
42
VOS
Input offset voltage
vs Case temperature
43
VO
Large-signal transient response
44
VO
Overdrive recovery time
45
ZO
Output impedance
vs Frequency
46
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com