công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OARSXPR010FLF bảng dữ liệu(PDF) 2 Page - TT Electronics.

tên linh kiện OARSXPR010FLF
Giải thích chi tiết về linh kiện  Surface Mount Sense Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TTELEC [TT Electronics.]
Trang chủ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OARSXPR010FLF bảng dữ liệu(HTML) 2 Page - TT Electronics.

  OARSXPR010FLF Datasheet HTML 1Page - TT Electronics. OARSXPR010FLF Datasheet HTML 2Page - TT Electronics. OARSXPR010FLF Datasheet HTML 3Page - TT Electronics. OARSXPR010FLF Datasheet HTML 4Page - TT Electronics. OARSXPR010FLF Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Surface Mount
Sense Resistors
OARS, OARS-XP, OARSZ Series
Surface Mount Sense Resistors
OARS, OARS-XP, OARSZ Series
Performance Data (AEC-Q200)
OARS1/3
<R004
R004 to R015
>R015
OARS-XP
<R002
R002 to R007
>R007
TCR (-55 to 125ºC)
ppm/ºC
240
40
40
Thermal Shock
∆
R%
0.75
0.75
0.75
High Temp. Exposure (125ºC)
∆
R%
1.75
0.5
1
Temp. Cycling (-40 to 125ºC)
∆
R%
1
1
0.75
Operational Life
∆
R%
2
1
1
Biased Humidity
∆
R%
0.75
0.5
0.5
Mechanical Shock
∆
R%
1.5
1
1
Vibration
∆
R%
1
1
1
Terminal Strength
Meets JIS-C-6429
Solvent Resistance
Meets MIL-STD-002 Method 215
Solderability
Meets J-STD-002 Method B
Note: Temperature rise data are given here for typical mounting conditions. Actual figures depend on PCB copper weight, mounting pad size, track
width and substrate type. Also, the open air format responds better to forced air cooling than chip format resistors. For values below 5 milliohms
allowance should be made for heat generated in the copper tracks themselves. Application-specific guidance is available on request.
Temperature Derating
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
Ambient Temperature (Deg C)
Pulse Energy Rating
0
20
40
60
80
100
120
1
10
100
Value (milliohms)
OARS1/3
OARS-XP
Note: For OARS-1Z the above derating graph may be applied to
the square of the current rating.
Note: This graph relates to single pulses of short duration (≤ 100ms).
Higher energy limits apply for longer pulses and overloads
Hot Spot Temperature Rise
7.6mm x 7.6mm pads, 2 oz copper on FR4, still air
0
50
100
150
200
250
300
25%
50%
75%
100%
Proportion of Rated Power
50 / 25
30 / 15
10 / 5
5 / -
Value in milliohms
OARS1/3 / OARS-XP
Joint Temperature Rise
7.6mm x 7.6mm pads, 2 oz copper on FR4, still air
0
20
40
60
80
100
25%
50%
75%
100%
Proportion of Rated Power
5 / -
10 / 5
30 / 15
50 / 25
Value in milliohms
OARS1/3 / OARS-XP
07.11
Electrical Data
OARS1
OARS3
OARS-XP
Power rating
at 70°C ambient, or 140°C
terminal temperature
watts
2
3
5
Resistance range
ohms
R002 to R050
R002 to R015
R001 to R025
Resistance Tolerance
%
≤ R002: 5, > R002: 1, 5
Standard Values
(Enquire for unlisted values)
milliohms
2, 3, 4, 5, 10, 15, 20,
22, 25, 30, 40, 50
2, 3, 4, 5, 10, 15
Inductance
nH
<10
Ambient temperature range
°C
-55 to +160
OARS-1Z
Comments
Current rating at 25°C ambient
amps
65
Zero-ohm jumper
Max residual resistance
milliohms
0.3
Ambient temperature range
°C
-55 to +160
Temperature Derating
OARSZ
OARS1/3/XP
Note: For OARS1/3/XP this relates to power rating, for OARSZ it relates to current rating.
1, 2, 2.5, 5, 7.5,
12.5, 10, 20, 25
11.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com