công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SX8655ICSTRT bảng dữ liệu(PDF) 49 Page - Semtech Corporation

tên linh kiện SX8655ICSTRT
Giải thích chi tiết về linh kiện  Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8655ICSTRT bảng dữ liệu(HTML) 49 Page - Semtech Corporation

Back Button SX8655ICSTRT Datasheet HTML 45Page - Semtech Corporation SX8655ICSTRT Datasheet HTML 46Page - Semtech Corporation SX8655ICSTRT Datasheet HTML 47Page - Semtech Corporation SX8655ICSTRT Datasheet HTML 48Page - Semtech Corporation SX8655ICSTRT Datasheet HTML 49Page - Semtech Corporation SX8655ICSTRT Datasheet HTML 50Page - Semtech Corporation SX8655ICSTRT Datasheet HTML 51Page - Semtech Corporation SX8655ICSTRT Datasheet HTML 52Page - Semtech Corporation SX8655ICSTRT Datasheet HTML 53Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 1 – 25
th July 2011
49
www.semtech.com
SX8654/SX8655/SX8656
Haptics Enabled 4/5-Wire
Resistive Touchscreen Controller with Proximity Sensing
1:0
FILT
00
Defines the channel filtering algorithm:
00 : OFF (Nfilt = 1)
01 : 3 sample averaging (Nfilt = 3)
10 : 5 sample averaging (Nfilt = 5)
11 : 3 sample averaging after removal of extreme values (Nfilt = 7)
Table 13 : RegTouch1 (Addr 0x01)
Bits
Variable
Default
Description
7:4
Reserved
0000
3:0
SETDLY
0000
Defines the bias settling time for each channel’s subsequent conversion
(i.e. when filtering is enabled):
0000 : 0.5 us
0001 : 1.1 us
0010 : 2.2 us
0011 : 4.4 us
0100 : 8.9 us
0101 : 17.8 us
0110 : 35.5 us
0111 : 71.0 us
1000 : 142 us
1001 : 284 us
1010 : 568 us
1011 : 1.14 ms
1100 : 2.27 ms
1101 : 4.55 ms
1110 : 9.09 ms
1111 : 18.19 ms
Values above assume typical FOSCH, else vary accordingly.
Table 14 : RegTouch2 (Addr 0x02)
Bits
Variable
Default
Description
7:0
Reserved
0x00
Table 15 : RegTouch3 (Addr 0x03)
Bits
Variable
Default
Description
7
XCONV
1
Enables X channel conversion:
0 : OFF
1 : ON
6
YCONV
1
Enables Y channel conversion:
0 : OFF
1 : ON
5
Z1CONV
0
Enables Z1 channel conversion:
0 : OFF
1 : ON
4
Z2CONV
0
Enables Z2 channel conversion:
0 : OFF
1 : ON
3:0
Reserved
0000
Table 16 : RegChanMsk (Addr 0x04)
Bits
Variable
Default
Description
7
HAPTMODE
0
Defines the haptics mode/input:
0 : PWM
1 : I2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com