| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SX8674ICSTRT bảng dữ liệu(PDF) 18 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SX8674ICSTRT bảng dữ liệu(HTML) 18 Page - Semtech Corporation |
|
18 / 64 page ![]() ADVANCED COMMUNICATIONS & SENSING Rev 1 – 25 th July 2011 18 www.semtech.com SX8674/SX8675/SX8676 Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing Rxtot R1 R2 R3 + + = Rytot R4 R5 R6 + + = Figure 17 – Dual-touch Simplified Model The two contacts create touch resistances Rt1 and Rt2 between the two layers of the touchscreen. The SX8674/75/76 perform on-chip specific multitouch measurements which the host retrieves and processes with a specific software enabling the detection of the gestures described in §13.3. For optimum gesture detection, RmSelX and RmSelY parameters should be set according to table below. X/Y Panel Resistance ( ) RmSelX/Y 100-187 000 188-312 001 313-938 010 939-1875 011 1876-4375 100 4376-9375 101 9376-18780 110 >18780 111 Table 5 – RmSelX/Y Selection Table 4.6 Digital Processing The chip offers 4 types of data processing which allows the user to make trade-offs between data throughput, power consumption and noise rejection. The parameter FILT is used to select the filter order Nfilt. The noise rejection will be improved with a high order to the detriment of power consumption. Each channel can be sampled up to 7 times and then processed to get a single consolidated coordinate. ∑ − = − ⋅ ≈ 1 0 1 N i i n n s N c Figure 18 – Digital Processing Block Diagram |