| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PI74FCT541TS bảng dữ liệu(PDF) 7 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI74FCT541TS bảng dữ liệu(HTML) 7 Page - Pericom Semiconductor Corporation |
|
7 / 7 page ![]() 7 PS2011D 09/22/04 PI74FCT244T/2244T PI74FCT541T/2541T Octal Buffer/Line Drivers Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com Ordering Information: PI74FCT2541T Ordering Code Package Code Speed Grade Package Description PI74FCT2541TL L Blank 20-pin 173 mil wide plastic TSSOP PI74FCT2541TQ Q Blank 20-pin 150 mil wide plastic QSOP PI74FCT2541TS S Blank 20-pin 300 mil wide plastic SOIC PI74FCT2541ATH H A 20-pin 209 mil wide plastic SSOP PI74FCT2541ATL L A 20-pin 173 mil wide plastic TSSOP PI74FCT2541ATQ Q A 20-pin 150 mil wide plastic QSOP PI74FCT2541ATS S A 20-pin 300 mil wide plastic SOIC PI74FCT2541CTH H C 20-pin 209 mil wide plastic SSOP PI74FCT2541CTL L V 20-pin 173 mil wide plastic TSSOP Notes: 1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/ Ordering Information: PI74FCT541T Ordering Code Package Code Speed Grade Package Description PI74FCT541TQ Q Blank 20-pin 150-mil wide plastic QSOP PI74FCT541TQE Q Blank Pb-free & Green, 20-pin 150-mil wide plastic QSOP PI74FCT541TS S Blank 20-pin 300-mil wide plastic SOIC PI74FCT541ATL L A 20-pin 173-mil wide plastic TSSOP PI74FCT541ATQ Q A 20-pin 150-mil wide plastic QSOP PI74FCT541ATS S A 20-pin 300-mil wide plastic SOIC PI74FCT541ATSE S A Pb-free & Green, 20-pin 300-mil wide plastic SOIC PI74FCT541ATH H A 20-pin 209-mil wide plastic SSOP PI74FCT541CTL L C 20-pin 173-mil wide plastic TSSOP PI74FCT541CTQ Q C 20-pin 150-mil wide plastic QSOP PI74FCT541CTS S C 20-pin 300-mil wide plastic SOIC PI74FCT541CTH H C 20-pin 209-mil wide plastic SSOP |