| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PI74FCT244TS bảng dữ liệu(PDF) 6 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI74FCT244TS bảng dữ liệu(HTML) 6 Page - Pericom Semiconductor Corporation |
|
6 / 7 page ![]() 6 PS2011D 09/22/04 PI74FCT244T/2244T PI74FCT541T/2541T Octal Buffer/Line Drivers Ordering Information: PI74FCT244T Ordering Code Package Code Speed Grade Package Description PI74FCT244TH H Blank 20-pin 209-mil wide plastic SSOP PI74FCT244TL L Blank 20-pin 173-mil wide plastic TSSOP PI74FCT244TLE L Blank Pb-free & Green, 20-pin 173-mil wide plastic TSSOP PI74FCT244TQ Q Blank 20-pin 150-mil wide plastic QSOP PI74FCT244TS S Blank 20-pin 300-mil wide plastic SOIC PI74FCT244ATH H A 20-pin 209-mil wide plastic SSOP PI74FCT244ATL L A 20-pin 173-mil wide plastic TSSOP PI74FCT244ATQ Q A 20-pin 150-mil wide plastic QSOP PI74FCT244ATS S A 20-pin 300-mil wide plastic SOIC PI74FCT244ATSE S A Pb-free & Green, 20-pin 300-mil wide plastic SOIC PI74FCT244CTH H C 20-pin 209-mil wide plastic SSOP PI74FCT244CTL L C 20-pin 173-mil wide plastic TSSOP PI74FCT244CTQ Q C 20-pin 150-mil wide plastic QSOP PI74FCT244CTS S C 20-pin 300-mil wide plastic SOIC PI74FCT244DTQ Q D 20-pin 150-mil wide plastic QSOP PI74FCT244DTS S D 20-pin 300-mil wide plastic SOIC PI74FCT244DTSE S D Pb-free & Green, 20-pin 300-mil wide plastic SOIC Ordering Information: PI74FCT2244T Ordering Code Package Code Speed Grade Package Description PI74FCT2244TQ Q Blank 20-pin 150 mil wide plastic QSOP PI74FCT2244TS S Blank 20-pin 300 mil wide plastic SOIC PI74FCT2244ATH H A 20-pin 209 mil wide plastic SSOP PI74FCT2244ATL L A 20-pin 173 mil wide plastic TSSOP PI74FCT2244ATQ Q A 20-pin 150 mil wide plastic QSOP PI74FCT2244ATS S A 20-pin 300 mil wide plastic SOIC PI74FCT2244CTL L C 20-pin 173 mil wide plastic TSSOP PI74FCT2244CTQ Q C 20-pin 150 mil wide plastic QSOP PI74FCT2244CTS S C 20-pin 300 mil wide plastic SOIC |