công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS1124 bảng dữ liệu(PDF) 15 Page - List of Unclassifed Manufacturers

tên linh kiện AS1124
Giải thích chi tiết về linh kiện  24W Powered Device with Integrated DC-DC Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

AS1124 bảng dữ liệu(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button AS1124 Datasheet HTML 11Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 12Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 13Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 14Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 15Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 16Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 17Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 18Page - List of Unclassifed Manufacturers AS1124 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
AS1124
Akros Silicon, inc.
6399 San Ignacio Avenue, Suite 250, San Jose, CA 95119 USA
408.746.9000
www.AkrosSilicon.com
15
 
DC-DC CONTROLLER
Overview
The DC-DC architecture is a current-mode controller
which can be configured with external component changes
to flyback, forward, or non-synchronous low-side switch
buck topologies. Both non-isolated and isolated topologies
are supported.
As part of full system level solution for EMI, Akros has
focused significant effort in reducing switching noise in the
integrated power converters through unique techniques of
balancing the signaling of the FET drivers and reducing
ground bounce by minimizing the dV/dt switching noise.
The integrated DC-DC controller operates from a switched
input voltage (VDD48O) and includes soft-start and
current limiting. Once input power is applied and enable
signals are asserted, the DC-DC controller starts up. The
controller provides gate control signals to external
switching MOSFETs, and uses an external resistor to
sense the transformer primary current.
The DC-DC controller includes programmable soft start,
80% maximum duty cycle, fixed switching frequency and a
voltage output error amplifier.
Current-Limit/Current Sense
The DC/DC controller provides cycle-by-cycle current
limiting to ensure that transformer primary current limits
are not exceeded. In addition, the maximum average
current in the transformer primary is set by internal duty
cycle limits.
Low Load Current Operation
The internal circuitry detects a low output power condition
and puts the DC-DC Controller into a discontinuous
current operation (DCM) mode.
Compensation and Feedback
For isolated applications, loop compensation and output
voltage feedback is generally provided by an opto-isolator
circuit, and the FB pin is shorted to ground. In these
applications, the COMP pin is pulled up to 4.8V
(nominally) by an internal current source.
This pull-up can be the termination for an opto-isolator, or
an additional resistor can be used in parallel.
For non-isolated applications, a resistive divider network
senses the output voltage and is applied directly to the FB
pin. The internal error amplifier is connected to a 1.5V
reference voltage and the control loop will servo the FB
pin to this voltage.
A capacitive/resistive network
connected to the COMP pin provides loop compensation.
Soft-Start inrush current limit
The internal circuitry automatically ramps up the inrush
current by limiting the maximum current allowed in the
transformer primary magnetizing inductance per clock
cycle. The amount of time required to perform a soft start
cycle is determined by the CSS capacitor. A CSS
capacitor of 330nF provides approximately 7ms of soft
startup ramp time.
AUXILIARY POWER OPTION
The Auxiliary Power Option allows the AS1124 to be
powered from a DC power source, other than the Ethernet
line. Examples of DC sources are AC/DC wall adapters,
batteries, or solar cells. This feature may also be used, to
supply power that exceeds the load capacity of the PSE,
or in non-PoE systems.
DC-DC CONVERTER TOPOLOGIES
Flyback vs. Forward Operation
The DC-DC controller can be configured in several
different operational topologies and in either isolated or
non-isolated configurations.
The FLYBACK mode is
chosen when a minimum number of external components
is desired or there is a large step-down and the output
voltage is < 7V. The FORWARD mode is chosen with
lower output noise and higher efficiency is desired. The
FLYBACK mode is shown in figure 8 and the FORWARD
mode in shown in figure 9, both in isolated configurations.
Buck Operation
The BUCK mode is shown in figure 10. The buck mode is
used only in non-isolated applications. The BUCK mode
uses an inductor instead of a transformer and therefore
has the smallest overall footprint. Figure 10 shows the
BUCK converter in a non synchronous operation where
the output voltage is referenced to VDD48O. Since the FB
voltage is ground referenced, the feedback signal must be
level shifted back down to ground. This is accomplished
by the two PNP transistors and the associated resistors.
Primary Switching Topology
The DC-DC controller uses a two-switch topology to
minimize noise, maximize efficiency and reduce the
breakdown requirements for the switching transistors.
During OFF time and when the core is being reset, a
snubbing circuit, consisting of parallel Schottky diodes,
directs the transformer magnetizing current into the bulk
storage capacitors connected to VDD48O. This additional
snubbing circuitry minimizes the ringing that can occur on
the primary winding of the power transformer. In single
switch topologies, the maximum VDS are approximately
2.5X VDD48O and there can be significant ringing during
OFF time, when the transformer core is being reset.
Again, snubbing circuitry is used to dissipate the ringing
noise that occurs during the switching transitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com