công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI3VT3245QE bảng dữ liệu(PDF) 2 Page - Pericom Semiconductor Corporation

tên linh kiện PI3VT3245QE
Giải thích chi tiết về linh kiện  8-Bit, 2-Port, Low Voltage Translator Bus SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VT3245QE bảng dữ liệu(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3VT3245QE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VT3245QE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VT3245QE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VT3245QE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VT3245QE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
PS8530B
08/13/04
PI3VT3245
8-Bit, 2-Port, Low Voltage
Translator Bus Switch
Storage Temperature ......................................................... –65°C to +150°C
Ambient Temperature with Power Applied ........................ –40°C to +85°C
Supply Voltage to Ground Potential..................................... –0.5V to +4.6V
DC Input Voltage ................................................................. –0.5V to +5.5V
DC Output Current............................................................................ 120mA
Power Dissipation ................................................................................ 0.5W
Note:
StressesgreaterthanthoselistedunderMAXIMUMRATINGS
may cause permanent damage to the device. This is a stress
ratingonlyandfunctionaloperationofthedeviceattheseorany
other conditions above those indicated in the operational sec-
tions of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
reliability.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, TA = 25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. Measured by the voltage drop between A and B pin at indicated current through the switch. On-Resistance is determined
by the lower of the voltages on the two (A,B) pins.
5. This parameter is determined by device characterization but is not production tested.
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(5)
Description
Test Conditions
Typ.
Units
CIN
Input Capacitance
VIN = 0V
3.5
pF
COFF
A/B Capacitance, Switch Off
5.0
CON
A/B Capacitance, Switch On
11.2
DC Electrical Characteristics (Over Operating Range, TA= –40°C to +85°C, VCC = 3.3V ±10%)
Parameters
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
VIH
Input HIGH Voltage
Guaranteed logic HIGH level
2.0
VCC +0.3V
V
VIL
Input LOW Voltage
Guaranteed logic LOW level
-0.5
0.8
IIH
Input HIGH Current
VCC = Max., VIN = VCC
±1
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
±1
IOZH
High Impedance Output
Current
0 ≤ A, B ≤ VCC
±1
RON
Switch On-Resistance
VCC = Min, VIN = 0V, ION = -8mA
5
8
Ω
VCC = Min., VIN = 1.7V, ION = -8mA
15
22
VCC = 2.3V., VIN = 0V, ION = -8mA
6
9
VCC = 2.3V., VIN = 1.3V, ION = -8mA
25
30
Vp
Pass Voltage
VIN = VCC = 3.3V, IOUT = -5µA
2.3
2.5
2.9
V
VIN = VCC = 2.5V, IOUT = -5µA
1.8



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com