công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

YA9W-11 bảng dữ liệu(PDF) 1 Page - Laird Tech Smart Technology

tên linh kiện YA9W-11
Giải thích chi tiết về linh kiện  High gain directional antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LSTD [Laird Tech Smart Technology]
Trang chủ  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

YA9W-11 bảng dữ liệu(HTML) 1 Page - Laird Tech Smart Technology

  YA9W-11 Datasheet HTML 1Page - Laird Tech Smart Technology YA9W-11 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
860 TO 960 MHz NLOS ALUMINUM YAGI ANTENNA
The YA9W NLOS series antenna system offered by Laird is constructed of aluminum for
minimal weight and great service life. Individual elements are swaged to the main beam and
then riveted for permanent attachment. Riveted elements give more consistent signal
performance because they ensure high conductivity across the antenna surface. These
antennas have high gain and good front to back performance to minimize external
interference. They can be mounted in vertical or horizontal polarization. They come standard
with an 18 inch pigtail cable terminated with an N female connector. Other connector types
are available upon request.
FEATURES
• Wide band
• High gain directional antenna
• Available in 11 and 13 dBi gain models
• Light weight aluminum
construction, low wind loading
• Simple installation - vertical or horizontal
polarization
• 18 inch Pigtail with type N female connector
standard
• DC ground for lightning protection
MARKETS
• 900 MHz ISM band applications
• Non line-of-sight applications
• WISP CPE equipment
• Cellular applications
• WiMAX
Yagi NLOS Antenna
MODEL
SQ. IN
100 MPH
125 MPH
100 MPH WITH ½ INCH RADIAL ICE
YA9W-11
31
7.75 lbs
12.1 lbs
16.8 lbs
YA9W-13
45
11.3 lbs
17.6 lbs
22.5 lbs
WIND LOADING (LBS.)
SPECIFICATIONS
PARAMETER
YA9W-11
YA9W-13
Frequency range
860 - 960 MHz
860 - 960 MHz
VSWR
1.5:1
1.5:1
Impedance
50 ohm
50 ohm
Input power
100 watts
100 watts
Pole size
1 to 2 in (25 to 51 mm)
1 to 2 in (25 to 51 mm)
Operating temperature
-45° to +70°C
-45° to +70°C
Rated wind velocity
125 mph (56 m/sec)
125 mph (56 m/sec)
Gain
11 dB
13 dB
Number of elements
10
13
Beamwidth
45°
35°
Front to back
> 15 dB
> 15 dB
Weight
1.2 lbs (0.53 kg)
1.3 lbs (0.58 kg)
Length dimension element
width ~ 6”(152 mm)
33.5 in (0.85 m)
46 in (1.2 m)
YA9W-11 YA9W-13
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe:+44.1628.858941
IAS-EUSales@lairdtech.com
Asia: ++86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com


Số phần tương tự - YA9W-11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
YA9W-11 ETC2-YA9W-11 Datasheet
1Mb / 12P
Client Side Antennas
More results

Mô tả tương tự - YA9W-11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
WLP4958124A02 ETC2-WLP4958124A02 Datasheet
1Mb / 11P
Embedded High Gain Antenna
logo
World Produts Inc.
WPANT67002-R1A WPI-WPANT67002-R1A Datasheet
73Kb / 2P
High Gain GPS Body-mount Antenna
logo
Laird Tech Smart Techno...
S24015P12NF LSTD-S24015P12NF Datasheet
567Kb / 1P
Directional Panel Antenna
YS4066 LSTD-YS4066 Datasheet
627Kb / 1P
Directional Yagi Antenna
DC24 LSTD-DC24 Datasheet
908Kb / 1P
Directional Antenna
logo
Raltron Electronics Cor...
RPC-MB-850-6500-P-142 RALTRON-RPC-MB-850-6500-P-142 Datasheet
94Kb / 1P
DIRECTIONAL ANTENNA
logo
PHOENIX CONTACT
RAD-ANT-GSM PHOENIX-RAD-ANT-GSM Datasheet
50Kb / 2P
Directional antenna, outdoor installation, gain 8 dBi, connection N (female)
logo
Tallysman Wireless Inc.
TW3142 TALLYSMAN-TW3142 Datasheet
221Kb / 2P
TW3142 High Gain / High Rejection Antenna
logo
Maxtena Inc.
MEA-960-LTE MAXTENA-MEA-960-LTE Datasheet
617Kb / 4P
OMNI-DIRECTIONAL ANTENNA
REV A
MEA-UWB-LTE-90 MAXTENA-MEA-UWB-LTE-90 Datasheet
1Mb / 5P
OMNI-DIRECTIONAL ANTENNA
REV A
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com