| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SFPT-RJK-01 bảng dữ liệu(PDF) 2 Page - Pulse A Technitrol Company |
|
|
|||||||||||||||||||||||||||||
SFPT-RJK-01 bảng dữ liệu(HTML) 2 Page - Pulse A Technitrol Company |
|
2 / 2 page ![]() SFP 2xN 2x1 2x2 2x4 2x6 2x8 No Light Pipes SFP0-3047-L SFP0-3033-L SFP0-3027-L SFP0-3013-L SFP0-3003-L with Light Pipes All SFP0-3040-L SFP0-3030-L SFP0-3020-L SFP0-3010-L SFP0-3000-L Inner SFP0-3041-L SFP0-3031-L SFP0-3021-L SFP0-3011-L SFP0-3001-L SFP+ 1xN Cage 1x1 Standard PCIe Compliant (1º tilt) Press-fit SFPP-1100-L SFPP-1110-L Through-hole — SFPP-1130-L SFP 1xN Cage 1x1 Press-fit SFP0-1000-L Through-hole SFP0-1010-L SFP 1xN Connector 1x1 30µ” SFPC-2001-L 15µ” SFPC-2000-L Thunderbolt 1x1 A μ 30μ E9320-001-02 Gold Flash E9320-001-01 USB 3.0 1x1 B Type E8199-030-01 Vertical THT E8199-002-01 Micro-AB E8110-001-01 USB 3.1 Type C Part Num. Mid-Mount Gen. 1 5G E8124-010-01 Mid-Mount Gen. 2 10G E8124-011-01 Top-Mount Gen. 2 10G E8124-015-01 SFP/SFP+ Transceivers Part Number Package Wave Length (nm) Data Rate Distance Temp. Source 1000Base-T Copper SFP SFPT-RJK-01 Copper SFP --- 1000M 100M (UTP-5) 0~70 --- SFP with DDMI SFP-LX2-01 SFP 1310 1.25G 20KM 0~70 FP+PIN SFP+ SFPPT-SR3-01 SFP+ 850 10G 300M 0~70 VSCEL+PIN BIDI SFP+ SFPPT-BD2-01 SFP+ 1270 10G 10KM 0~70 DFB+PIN RJ45 CAT5e 1x1 E6788-540725-L CAT5 – no LED E6588-52L184-L CAT5 – with LED E6588-62LP45-L Connector Platform Guides www.pulseelectronics.com 2 CN600.B (07/16) SFP+ 2xN 2x1 2x2 2x4 2x6 w/ Elastomeric Gasket w/ Metal EMITabs w/ Elastomeric Gasket w/ Metal EMITabs w/ Elastomeric Gasket w/ Metal EMITabs w/ Elastomeric Gasket w/ Metal EMITabs No Light Pipes SFPP-3148-L SFPP-3143-L SFPP-3138-L SFPP-3133-L SFPP-3128-L SFPP-3123-L SFPP-3118-L SFPP-3113-L with Light Pipes All SFPP-3145-L SFPP-3140-L SFPP-3135-L SFPP-3130-L SFPP-3125-L SFPP-3120-L SFPP-3115-L SFPP-3110-L Inner SFPP-3146-L SFPP-3141-L SFPP-3136-L SFPP-3131-L SFPP-3126-L SFPP-3121-L SFPP-3116-L SFPP-3111-L * For any other platforms, please contact Pulse for data sheets. |