| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT43USB370 bảng dữ liệu(PDF) 1 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT43USB370 bảng dữ liệu(HTML) 1 Page - ATMEL Corporation |
|
1 / 50 page ![]() 1 Features • USB 2.0 Full Speed Host/Function Processor – Real-time Host/Function Switching Capability – Internal USB and System Interface Controllers – 32-bit Generic System Processor Interface with DMA – Separate TX and RX Buffers for Host and Function Operations – In-System Firmware Upgrade • Autonomous USB Host Operation without System Processor Intervention – Device Enumeration – USB Protocol Management – Bus Bandwidth Reclamation – Status Handling – Control, Bulk, Interrupt and Isochronous Transfers – Supports Up to 7 USB Devices Concurrently • Full-speed Function Controller – 1 Bi-directional Control Endpoint – 6 Programmable (Maximum Packet Size and Endpoint Type) Endpoints – Control, Interrupt, Bulk and Isochronous Transfer Support – Automatic Retry for Non-Isochronous Endpoints • Integrated USB Firmware – Easy-to-use, ANSI C Compliant API USB Device Driver Development – Embedded, OS Agnostic USB Host Stack – Embedded System Interface Controller Driver – Embedded USB Hub Driver • 6 MHz Operation • 1.8 V and 3.3 V Operation • 100-pin LQFP Package Description Atmel's AT43USB370 is a USB 2.0 compliant, dual-role, full-speed Host/Function pro- cessor designed specifically to enable point-to-point USB connectivity for embedded devices. It features an integrated USB host stack, a system interface driver, on-chip USB signaling hardware, 32-bit generic system processor interface with DMA support, and on-the-fly host/function switching capability. The on-chip USB hardware features a USB transceiver, a serial interface engine (SIE), a SIE controller, and an SOF generation block. It supports the physical and data link layer of the USB protocol whereas the USB transaction layer is implemented in firmware. In host mode, the integrated USB firmware consists of the Host USB Controller Driver (HUSBCD) running on the USB Controller (USBC) and the Host System Interface Controller Driver (HSICD) resident on the System Interface Controller (SIC). The HUSBCD provides complete USB protocol management including device enumera- tion, transaction managem ent, scheduling and frame management, and bus reclamation. The HSICD serves as an interface between the HUSBCD and applica- tions resident on the external system processor. It handles all of the high-level data flow management during a USB transaction. Together, the HUSBCD and the HSICD deliver complete USB host operations autonomously, without the intervention of the system processor. USB 2.0 Full-Speed Host/Function Processor AT43USB370 Rev. 3340B–USB–12/03 |
Số phần tương tự - AT43USB370 |
|
Mô tả tương tự - AT43USB370 |