công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM1748E/2K bảng dữ liệu(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
tên linh kiện PCM1748E/2K
Giải thích chi tiết về linh kiện  24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1748E/2K bảng dữ liệu(HTML) 9 Page - Burr-Brown (TI)

Back Button PCM1748E/2K Datasheet HTML 5Page - Burr-Brown (TI) PCM1748E/2K Datasheet HTML 6Page - Burr-Brown (TI) PCM1748E/2K Datasheet HTML 7Page - Burr-Brown (TI) PCM1748E/2K Datasheet HTML 8Page - Burr-Brown (TI) PCM1748E/2K Datasheet HTML 9Page - Burr-Brown (TI) PCM1748E/2K Datasheet HTML 10Page - Burr-Brown (TI) PCM1748E/2K Datasheet HTML 11Page - Burr-Brown (TI) PCM1748E/2K Datasheet HTML 12Page - Burr-Brown (TI) PCM1748E/2K Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
PCM1748
9
SBAS165
FIGURE 3. Audio Data Input Formats.
AUDIO SERIAL INTERFACE
The audio serial interface for the PCM1748 is comprised of
a 3-wire synchronous serial port. It includes LRCK (pin 3),
BCK (pin 1), and DATA (pin 2). BCK is the serial audio bit
clock, and is used to clock the serial data present on DATA
into the audio interface’s serial shift register. Serial data is
clocked into the PCM1748 on the rising edge of BCK.
LRCK is the serial audio left/right word clock used to latch
serial data into the serial audio interface’s internal registers.
Both LRCK and BCK should be synchronous to the
system clock. Ideally, it is recommended that LRCK and
BCK be derived from the system clock input, SCK. LRCK
is operated at the sampling frequency, fS. BCK may be
operated at 32, 48, or 64 times the sampling frequency.
Internal operation of the PCM1748 is synchronized with
LRCK. Accordingly, it is held when the sampling rate
clock of LRCK is changed or SCK and/or BCK is broken at
least for one clock cycle. If SCK, BCK, and LRCK are
provided continuously after this hold condition, the internal
operation will be resynchronized automatically, less than 3/fS
period. In this resynchronize period, and following 3/fS,
analog output is forced to the bipolar zero level, or VCC/2.
External resetting is not required.
AUDIO DATA FORMATS AND TIMING
The PCM1748 supports industry-standard audio data formats,
including Standard, I2S, and Left-Justified, as shown in
Figure 3. Data formats are selected using the format bits,
FMT[2:0], in Control Register 20. The default data format is
24-bit left justified. All formats require Binary Two’s Comple-
ment, MSB-first audio data. See Figure 4 for a detailed timing
diagram of the serial audio interface.
1/f
S
L-Channel
R-Channel
LRCK
BCK
(= 48 or 64f
S)
18-Bit Right-Justified
DATA
DATA
(2) I
2S Data Format: L-Channel = LOW, R-Channel = HIGH
(3) Left-Justified Data Format: L-Channel = HIGH, R-Channel = LOW
(1) Standard Data Format: L-Channel = HIGH, R-Channel = LOW
1/f
S
L-Channel
R-Channel
LRCK
BCK
(= 32, 48 or 64f
S)
1
2
3
N-2 N-1 N
1
2
1
2
3
N-2 N-1 N
1/f
S
L-Channel
R-Channel
LRCK
BCK
(= 32, 48 or 64f
S)
2
1
1
2
3
N-2 N-1 N
1
2
3
N-2 N-1 N
14 15 16
16 17 18
18 19 20
14 15 16
12
3
DATA
22 23 24
22 23 24
12
3
DATA
18 19 20
1
23
DATA
16 17 18
1
23
DATA
24-Bit Right-Justified
14 15 16
12
3
22 23 24
12
3
18 19 20
1
23
17 18
1
2
20-Bit Right-Justified
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
14 15 16
14 15 16
12
3
DATA
16-Bit Right-Justified, BCK = 32f
S
14 15 16
12
3
LSB
MSB
LSB
MSB
16-Bit Right-Justified, BCK = 48f
S or 64fS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com