công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-AD5426EB bảng dữ liệu(PDF) 17 Page - Analog Devices

tên linh kiện EVAL-AD5426EB
Giải thích chi tiết về linh kiện  8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5426EB bảng dữ liệu(HTML) 17 Page - Analog Devices

Back Button EVAL-AD5426EB Datasheet HTML 13Page - Analog Devices EVAL-AD5426EB Datasheet HTML 14Page - Analog Devices EVAL-AD5426EB Datasheet HTML 15Page - Analog Devices EVAL-AD5426EB Datasheet HTML 16Page - Analog Devices EVAL-AD5426EB Datasheet HTML 17Page - Analog Devices EVAL-AD5426EB Datasheet HTML 18Page - Analog Devices EVAL-AD5426EB Datasheet HTML 19Page - Analog Devices EVAL-AD5426EB Datasheet HTML 20Page - Analog Devices EVAL-AD5426EB Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
REV. 0
AD5426/AD5432/AD5443
–17–
Most single-supply circuits include ground as part of the analog
signal range, which in turns requires an amplifier that can handle
rail-to-rail signals, there is a large range of single-supply amplifiers
available from Analog Devices.
MICROPROCESSOR INTERFACING
Microprocessor interfacing to this family of DACs is via a serial bus
that uses standard protocol compatible with microcontrollers and
DSP processors. The communications channel is a 3-wire interface
consisting of a clock signal, a data signal, and a synchronization
signal. The AD5426/AD5432/AD5443 requires a 16-bit word
with the default being data valid on the falling edge of SCLK,
but this is changeable via the control bits in the data-word.
ADSP-21xx to AD5426/AD5432/AD5443 Interface
The ADSP-21xx family of DSPs are easily interface to this family
of DACs without extra glue logic. Figure 13 shows an example of
an SPI interface between the DAC and the ADSP-2191M. SCK
of the DSP drives the serial data line, DIN.
SYNC is driven from
one of the port lines, in this case
SPIxSEL.
SCLK
SCK
AD5426/
AD5432/
AD5443*
SYNC
SPIxSEL
SDIN
MOSI
ADSP-2191*
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 13. ADSP-2191 SPI to AD5426/AD5432/AD5443
Interface
A serial interface between the DAC and DSP SPORT is shown
in Figure 14. In this interface example, SPORT0 is used to
transfer data to the DAC shift register. Transmission is initiated
by writing a word to the Tx register after the SPORT has been
enabled. In a write sequence, data is clocked out on each rising
edge of the DSPs serial clock and clocked into the DAC input
shift register on the falling edge of its SCLK. The update of the
DAC output takes place on the rising edge of the
SYNC signal.
SCLK
SCLK
AD5426/
AD5432/
AD5443*
SYNC
TFS
SDIN
DT
ADSP-2101/
ADSP-2103/
ADSP-2191*
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 14. ADSP-2101/ADSP-2103/ADSP-2191 SPORT
to AD5426/AD5432/AD5443 Interface
Communication between two devices at a given clock speed is
possible when the following specs are compatible: frame sync delay
and frame sync setup and hold, data delay and data setup and
hold, and SCLK width. The DAC interface expects a t4 (SYNC
falling edge to SCLK falling edge setup time) of 13 ns minimum.
Consult the ADSP-21xx User Manual for information on clock
and frame sync frequencies for the SPORT register.
The SPORT control register should be set up as follows:
TFSW = 1, Alternate Framing
INVTFS = 1, Active Low Frame Signal
DTYPE = 00, Right Justify Data
ISCLK = 1, Internal Serial Clock
TFSR = 1, Frame Every Word
ITFS = 1, Internal Framing Signal
SLEN = 1111, 16-Bit Data-Word
80C51/80L51 to AD5426/AD5432/AD5443 Interface
A serial interface between the DAC and the 8051 is shown in
Figure 15. TxD of the 8051 drives SCLK of the DAC serial
interface, while RxD drives the serial data line, DIN. P3.3 is a
bit-programmable pin on the serial port and is used to drive
SYNC. When data is to be transmitted to the switch, P3.3 is
taken low. The 80C51/80L51 transmits data only in 8-bit bytes;
thus, only eight falling clock edges occur in the transmit cycle.
To load data correctly to the DAC, P3.3 is left low after the first
eight bits are transmitted, and a second write cycle is initiated to
transmit the second byte of data. Data on RxD is clocked out of
the microcontroller on the rising edge of TxD and is valid on the
falling edge. As a result, no glue logic is required between the
DAC and microcontroller interface. P3.3 is taken high following
the completion of this cycle. The 8051 provides the LSB of its
SBUF register as the first bit in the data stream. The DAC input
register requires its data with the MSB as the first bit received.
The transmit routine should take this into account.
SCLK
TxD
8051*
SYNC
P1.1
SDIN
RxD
AD5426/
AD5432/
AD5443*
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 15. 80C51/80L51 to AD5426/AD5432/AD5443
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com