| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
B210LP bảng dữ liệu(PDF) 1 Page - Gamewell-FCI by Honeywell |
|
|
|||||||||||||||||||||||||||||
B210LP bảng dữ liệu(HTML) 1 Page - Gamewell-FCI by Honeywell |
|
1 / 2 page ![]() GAMEWELL-FCI 12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118 Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use. ©2013 by Honeywell International Inc. All rights reserved. www.gamewell-fci.com 9021-60672 Rev. D page 1 of 2 Velociti® Series MCS-4-Warn Advanced Multi-Criteria Detector with Four Unique Sensing Elements Description • The latest addition of the Gamewell-FCI’s Advanced Detection product line integrates four complementary technologies into one device to convey accurate fire sensing information to locations where fire fighter response-time is critical. The Gamewell-FCI MCS-4- Warn is an advanced multi-criteria plug-in detector that assembles four unique sensing elements into one unit. • Electrochemical cell technology that monitors carbon monoxide (CO) produced by smoldering fires. • Infrared (IR) sensing that measures ambient light levels and flame signatures. • Photo-electric smoke detection. • Thermal detection for temperature monitoring. It is designed to be used with the Gamewell-FCI’s E3 Series® and S3 Series fire alarm control panel only. • The integration of continuous monitoring for all four major elements of a fire allows Gamewell-FCI to cre- ate a detector that responds more quickly to an actual fire with the highest immunity to nuisances. This advanced multi-criteria detector operates at a high immunity level. It is designed to detect changing elements, identify nuisance interference and adjust the sensor accordingly to reduce false alarms. • Its on-board intelligence runs advanced algorithms that dynamically adjust detection parameters to respond to the inputs from the sensors, enabling instant response as ambient conditions change. • The panel automatically changes sensor thresholds, sensor gain, time, delays, combinations, sampling rates, and averaging rates. If any sensor fails, the detector automatically adjusts the sensitivity of the remaining sensors and produces a fault condition. • The CO cell has an expected lifetime of approxi- mately six years. It is not a field replaceable compo- nent. An internal timer signals the control panel to signal the approach of the CO cell’s end of life. Upon expiration, you should contact the system supplier to arrange for replacement of the unit. Detection is not compromised when the CO cell expires. The algo- rithms automatically adjusts to properly weigh the inputs from the photo-electric, heat, and IR sensors. E3 Series ® and Velociti ® are registered trademarks and CAMWorks™ is a trademark of Honeywell International Inc. UL® is a registered trademark of Underwriters Laboratories Inc. Features • Applies four separate sensing elements. • Has the highest nuisance alarm immunity. • Employs advanced algorithms that interpret and respond to multiple inputs. • Uses six levels of sensitivity. • Incorporates CO sensing for the fastest response to slow developing, smoldering fires. • Comprises fully integrated infrared sensing to support a quick fire alarm response. • Provides the automatic drift compensation of a smoke sensor and a CO cell. • Offers superior EMI protection. • Includes twin LED indicators that provide 360 visibility. • Programs LEDs to be panel controlled to blink, latch-on, or latch-off. • Contains a built-in test switch. MCS-4-Warn 7272-1703:0173 SIGNALING S1195 |
Số phần tương tự - B210LP |
|
Mô tả tương tự - B210LP |
|
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |