công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RAM-MOUNT-09E bảng dữ liệu(PDF) 1 Page - Advantech Co., Ltd.

tên linh kiện RAM-MOUNT-09E
Giải thích chi tiết về linh kiện  Application Ready Platform (ARP) for In-vehicle Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ADVANTECH [Advantech Co., Ltd.]
Trang chủ  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-09E bảng dữ liệu(HTML) 1 Page - Advantech Co., Ltd.

  RAM-MOUNT-09E Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-09E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Application
Ready Platform
ƒ Designed for harsh automotive environment for IP rating/
wide operating temperature/shock/vibration resistant
ƒ Easy for installation and maintenance
ƒ Proven system integration with TREK/PWS series products
ƒ Provide SDK, utility, sample code for easy SW development
Application Ready Platform (ARP) for
In-vehicle Applications
Introduction
Advantech Application Ready Platforms (ARP) provide a total solution for in-vehicle applications to improve safety, performance and flexibility. With our ARP solutions, effort on
system integration, verification, and qualification is drastically reduced. Moreover ARP products are designed to withstand severe environments, e.g. shock/vibration, water, dust,
high or low temp and more.
RoHS
COMPLIANT
2002/95/EC
ƒ Monitors up to 16 tires each on tractor/trailer
ƒ Data communication over RS-232
ƒ Communicates with Universal Repeater over J2497/ABS/PLC
ƒ Communicates with up to 9 Universal Repeaters simultaneously -
(160 tires total)
ƒ All settings, alerts, reference pressures, configurable network.
ƒ Handles data from all connected Universal Repeaters
ƒ 1/3" interline transfer SONY CCD / 600 TV lines
ƒ Total Pixels: NTSC: 811(H) x 508(V); PAL: 795(H) x 592 (V)
ƒ IP68
ƒ With infrared LED for nighttime condition
ƒ Operating Temperature: -10° C ~ 70° C
ƒ Anti-corrosion protection and Vibration-proof
ƒ 1/3" interline transfer SONY CCD / 600 TV lines
ƒ Total Pixels: NTSC: 811(H) x 508(V); PAL: 795(H) x 596 (V)
ƒ IP68
ƒ With infrared LED for nighttime condition
ƒ Operating Temperature: -20° C ~ 70° C
ƒ Wide viewing angle (H: 122° / V: 91°) with Fisheye correction
ƒ Aluminum die-cast chassis for compact, solid-state body
TREK-CAM-262-1N2E (NTSC/Reverse)
TREK-CAM-262-1P2E (PAL/Reverse)
TREK-CAM-262-1N1E (NTSC/Forward)
TREK-CAM-262-1P1E (PAL/Forward)
TREK-CAM-240-X1N3E (NTSC)
TREK-CAM-240-X1P3E (PAL)
1
3
2
1
Forward looking
1
3
2
3
1
2
1
1
2
Reverse looking
TREK-TPM-GWK0E
TREK-TPM-URK0E
All product specifications are subject to change without notice
Last updated : 6-Jan-2016


Số phần tương tự - RAM-MOUNT-09E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advantech Co., Ltd.
RAM-MOUNT-09E ADVANTECH-RAM-MOUNT-09E Datasheet
1Mb / 2P
RISC All-in-One Mobile Data Terminal
RAM-MOUNT-09E ADVANTECH-RAM-MOUNT-09E Datasheet
1Mb / 2P
Application Ready Platform (ARP) for In-vehicle Applications
6-Jan-2016
RAM-MOUNT-09E ADVANTECH-RAM-MOUNT-09E Datasheet
733Kb / 2P
7" In-Vehicle Smart Display
11-Dec-2018
More results

Mô tả tương tự - RAM-MOUNT-09E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OSRAM GmbH
2855YE-02B1W12 OSRAM-2855YE-02B1W12 Datasheet
178Kb / 3P
LED retrofit lamps for various applications in vehicle interiors
2880CW1W12VW OSRAM-2880CW1W12VW Datasheet
184Kb / 3P
LED retrofit lamps for various applications in vehicle interiors
3850WW-02B1W1 OSRAM-3850WW-02B1W1 Datasheet
188Kb / 3P
LED retrofit lamps for various applications in vehicle interiors
6431CW0,5W12V OSRAM-6431CW0,5W12V Datasheet
184Kb / 3P
LED retrofit lamps for various applications in vehicle interiors
6497CW-01B1W1 OSRAM-6497CW-01B1W1 Datasheet
184Kb / 3P
LED retrofit lamps for various applications in vehicle interiors
logo
Advantech Co., Ltd.
TREK-ANT-502-GH5E ADVANTECH-TREK-ANT-502-GH5E Datasheet
1Mb / 2P
Application Ready Platform (ARP) for In-vehicle Applications
logo
AAEON Technology
VPC-3300S AAEON-VPC-3300S Datasheet
396Kb / 2P
In-Vehicle Network Video Recorder Platform with Intel
VPC-5500S AAEON-VPC-5500S Datasheet
460Kb / 2P
In-Vehicle Network Video Recorder Platform with Intel
logo
Advantech Co., Ltd.
36ASESRPVEFU01 ADVANTECH-36ASESRPVEFU01 Datasheet
481Kb / 2P
Machine Vision Edge Solution Ready Platform
3-Jun-2021
TREK-CAM-262-1N2E ADVANTECH-TREK-CAM-262-1N2E Datasheet
1Mb / 2P
Application Ready Platform (ARP) for In-vehicle Applications
6-Jan-2016
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com