| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S9028PCLF bảng dữ liệu(PDF) 1 Page - Laird Tech Smart Technology |
|
|
|||||||||||||||||||||||||||||
S9028PCLF bảng dữ liệu(HTML) 1 Page - Laird Tech Smart Technology |
|
1 / 2 page ![]() Circular Polarity RFID Panel Antenna S9028PCLF S9028PCRF FEATURES • Low profile • Extremely low VSWR and axial ratio • Weather and UV resistant radome • Wide range of connector and cable options • Left hand and right hand CP versions • Mounts flush to wall APPLICATIONS • Warehouse • Distribution center • Airports and hospitals • Transit terminals • Conveyer belt 902-928 MHz 9 dBic CIRCULAR POLARITY PANEL The Laird S9028PCLF antenna is a circularly polarized panel antenna that provides reception and transmission of signals in the 902-928 MHz frequency band. Laird's industry-renowned design methodology achieves maximum efficiency and performance across the entire frequency band. Both VSWR and axial ratios are excellent and allow the user to achieve the maximum performance for an antenna of this type. The antenna is housed in a heavy duty radome enclosure that can be directly wall mounted, An optional articulating mount allows either wall or mast mounting. The antenna is offered with an integrated coax pigtail and a variety of connector types are available. Americas: +1.847 839.6907 IAS-AmericasEastSales@lairdtech.com Europe: +44.1628.858941 IAS-EUSales@lairdtech.com Asia: +86.21.5855.0827.127 IAS-AsiaSales@lairdtech.com www.lairdtech.com |
Số phần tương tự - S9028PCLF |
|
Mô tả tương tự - S9028PCLF |