công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MIC5191BML bảng dữ liệu(PDF) 11 Page - Micrel Semiconductor

tên linh kiện MIC5191BML
Giải thích chi tiết về linh kiện  Ultra High-Speed, High-Current Active Filter/LDO Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICREL [Micrel Semiconductor]
Trang chủ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5191BML bảng dữ liệu(HTML) 11 Page - Micrel Semiconductor

Back Button MIC5191BML Datasheet HTML 5Page - Micrel Semiconductor MIC5191BML Datasheet HTML 6Page - Micrel Semiconductor MIC5191BML Datasheet HTML 7Page - Micrel Semiconductor MIC5191BML Datasheet HTML 8Page - Micrel Semiconductor MIC5191BML Datasheet HTML 9Page - Micrel Semiconductor MIC5191BML Datasheet HTML 10Page - Micrel Semiconductor MIC5191BML Datasheet HTML 11Page - Micrel Semiconductor MIC5191BML Datasheet HTML 12Page - Micrel Semiconductor MIC5191BML Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
April 2004
11
M9999-042804
MIC5191
Micrel
Feedback Resistors
IR3716S
R1
COUT
R2
FB
GND
MIC5191
VOUT
Figure 10. Adjustable Output
The feedback resistors adjust the output to the desired
voltage and can be calculated as follows:
VV
R1
R2
OUT
REF
=+


1
V
REF is equal to 1.0V for the MIC5191. The minimum output
voltage (R1=0) is 0.5V. For output voltages less than 1V, use
the MIC5190.
The resistor tolerance adds error to the output voltage. These
errors are accumulative for both R1 and R2. For example, our
resistors selected have a
±1% tolerance. This will contribute
to a
±2% additional error on the output voltage.
The feedback resistors must also be small enough to allow
enough current to the feedback node. Large feedback resis-
tors will contribute to output voltage error.
VR1 I
V1k
1
A
V
mV
ERROR
FB
ERROR
ERROR
=×
=× µ
=
Ω
2
12
For our example application, this will cause an increase in
output voltage of 12mV. For the percentage increase,
V
V
V
V
12mV
1.5V
V
ERROR
ERROR
OUT
ERROR
ERROR
%
%
%. %
=×
=×
=
100
100
0 8
By reducing R1 to 100
Ω, the error contribution by the feed-
back resistors and feedback current is reduced to less than
0.1%. This is the reason R1 should not be greater than 100
Ω.
Applying the MIC5191
Linear Regulator
The primary purpose of the MIC5191 is as a linear regulator,
which enables an input supply voltage to drop down through
the resistance of the pass element to a regulated output
voltage.
Active Filter
Another application for the MIC5191 is as an active filter on
the output of a switching regulator. This improves the power
supply in several ways.
First, using the MIC5191 as a filter on the output can signifi-
cantly reduce high frequency noise. Switching power sup-
plies tends to create noise at the switching frequency in the
form of a triangular voltage ripple. High frequency noise is
also created by the high-speed switching transitions. A lot of
time, effort, and money are thrown into the design of switch-
ing regulators to minimize these effects as much as possible.
Figure 9 shows the MIC5191 as a post regulator.
TIME (1µs/div)
V
OUT = 1V
I
LOAD = 10A
Figure 11. Ripple Reduction
Figure 11 shows the amount of ripple reduction for a 500 KHz
switching regulator. The fundamental switching frequency is
reduced from greater than 100mV to less than 10mV.
Figure 12. 10A Load Transient
The transient response also contributes to the overall AC
output voltage deviation. Figure 12 shows a 1A to 10A load
transient. The top trace is the output of the switching regulator
(same circuit as Figure10). The output voltage undershoots
by 100mV. Just by their topology, linear regulators have the
ability to respond at much higher speeds than a switching
regulator. Linear regulators do not have the limitation or
restrictions of switching regulators which must reduce their
bandwidth to less than their switching frequency.
TIME (100
µs/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com