| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DASSPLIT4WNF bảng dữ liệu(PDF) 1 Page - Pulse A Technitrol Company |
|
|
|||||||||||||||||||||||||||||
DASSPLIT4WNF bảng dữ liệu(HTML) 1 Page - Pulse A Technitrol Company |
|
|
1 / 1 page ![]() L168.A (12/13) 1 pulseelectronics.com/products/antennas PIMinator ™ Low PIM iDAS Four Way Power Splitter Pulse Part Number DASSPLIT4WNF Confidential and Proprietary — Pulse Electronics — All Rights Reserved — 2013 This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws. Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or use without specific written authorization of Pulse is strictly forbidden. Electrical Specifications Frequency [MHz] 698 - 2700 Nominal Impedance [Ω] 50 VSWR [Max] 1.32:1 Insertion Loss [dB Max] 6.3 Maximum Input Power [W] 300 PIM at 2 x +43 dBm [dBc Min] -155 Connector Type N Female Mechanical Specifications Finish Black epoxy coat Ingress Protection IP-67 Weight [oz/g] 15.04 / 426.4 Overall Size [in/mm] 7.53 X 2.38 X .98 / 191.2 X 60.6 X 25 Pulse is proud to offer industry leading -155 dBc certified low PIM DAS power splitters. The Pulse Electronics PIMinator ™ line of DAS in-building low PIM power split- ters meets the most demanding PIM requirements for 2G, 3G, and 4G bands. These low PIM power splitters help meet the operators increasing demand for high data rates and streaming video for mobile devices. The wide band design meets the needs of operators around the World. Models include a 2 way, 3 way, and 4 way power split- ter with NF connectors as well as a 2 way power splitter with DIN female connectors. Features - Industry leading -155 dBc PIM rating - Covers cellular bands and WiMax from 698 - 2700 MHz - RoHS Compliant Product Applications - In-building DAS systems requiring best PIM performance |
Số phần tương tự - DASSPLIT4WNF |
|
Mô tả tương tự - DASSPLIT4WNF |