| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
409-10029 bảng dữ liệu(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
409-10029 bảng dữ liệu(HTML) 2 Page - Tyco Electronics |
|
2 / 31 page ![]() 409-10029 Stripping Module 1490503-[ ] and 1490501-[ ] Rev C 2 of 31 Tyco Electronics Corporation SAFETY PRECAUTIONS AVOID INJURY Safeguards are designed into this application equipment to protect operators and maintenance personnel from most hazards during equipment operation. However, certain safety precautions must be taken by the operator and repair personnel to avoid personal injury, as well as damage to the equipment. For best results, application equipment must be operated in a dry, dust–free environment. Do not operate equipment in a gaseous or hazardous environment. Carefully observe the following safety precautions before and during operation of the equipment: D ALWAYS wear appropriate ear protection. D ALWAYS wear approved eye protection when operating powered equipment. D ALWAYS keep guard(s) in place during normal operation. D ALWAYS insert power plug into a properly grounded receptacle to avoid electrical shock. D ALWAYS turn off the main power switch and disconnect electrical cord from the power source when performing maintenance on the equipment. D NEVER wear loose clothing or jewelry that may catch in moving parts of the application equipment. D NEVER insert hands into installed application equipment. D NEVER alter, modify, or misuse the application equipment. TOOLING ASSISTANCE CENTER CALL TOLL FREE 1-800-722-1111 (CONTINENTAL UNITED STATES AND PUERTO RICO ONLY) The Tooling Assistance Center offers a means of providing technical assistance when required. In addition, Field Service Specialists are available to provide assistance in the adjustment or repair of the application equipment when problems arise which your maintenance personnel are unable to correct. INFORMATION REQUIRED WHEN CONTACTING THE TOOLING ASSISTANCE CENTER When calling the Tooling Assistance Center regarding service to equipment, it is suggested that a person familiar with the device be present with a copy of the manual (and drawings) to receive instructions. Many difficulties can be avoided in this manner. When calling the Tooling Assistance Center, be ready with the following information: 01. Customer name 02. Customer address 03. Person to contact (name, title, telephone number, and extension) 04. Person calling 05. Equipment number (and serial number if applicable) 06. Product part number (and serial number if applicable) 07. Urgency of request 08. Nature of problem 09. Description of inoperative component(s) 10. Additional information/comments that may be helpful DANGER |