| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
408-10021 bảng dữ liệu(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
408-10021 bảng dữ liệu(HTML) 2 Page - Tyco Electronics |
|
2 / 5 page ![]() 408- 10021 CERTI- CRIMP II Tool Holder Assembly 1213860- 1 Rev C 2 of 5 Tyco Electronics Corporation Figure 2 Quick--Release Pin Quick--Release Pin Housing Center Housing Center Switch (Handle) Housing Side Housing Side 3. INSTALLATION AND REMOVAL 3.1. Installation and Removal of the CERTI- CRIMP II Tool Holder Assembly 1213860- 1 A. Installation Before mounting the CERTI--CRIMP II Tool Holder Assembly, always make sure the guide ram of the terminator is in the lowest position. See Figure 3. To avoid personal injury, be sure the SDE Electric Bench Terminator is disconnected from the power source prior to the installation or removal of the tool holder assembly. 1. Be sure that the terminator has been switched off. 2. Be sure that the CERTI--CRIMP II tool holder assembly is mounted with the switch (handle) in the front, to facilitate die opening and closing. 3. Mount the tool holder assembly from the back and lock with the guide (safety) pins. Refer to Figure 3 and Figure 4. 4. Refer to Paragraph 3.2, to remove and install the crimping dies. B. Removal To avoid personal injury, be sure the SDE Electric Bench Terminator is disconnected from the power source prior to the installation or removal of the tool holder assembly. 1. Be sure the terminator has been switched “off.” 2. Remove the locating pins from the tool holder assembly. 3. Remove and/or replace the tool holder assembly. 4. When removing the tool holder assembly, make sure that the guide ram of the terminator is in the lowest position. 5. If installing or removing crimping dies, refer to Paragraph 3.2. 3.2. Installation and Removal of CERTI- CRIMP II Crimping Heads To avoid personal injury, be sure the SDE Electric Bench Terminator is disconnected from the power source prior to the installation or removal of the crimping heads. As supplied, the tool holder assembly has three quick--release pins installed (Figure 2 and Figure 4 ). The two outer pins will be used to secure the two outer housing tabs of the crimp head (exposed portion of the crimp head) to the tool holder assembly. DANGER DANGER DANGER |