công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

408-9450 bảng dữ liệu(PDF) 1 Page - Tyco Electronics

tên linh kiện 408-9450
Giải thích chi tiết về linh kiện  Read these and all referenced instructions thoroughly before using the head.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

408-9450 bảng dữ liệu(HTML) 1 Page - Tyco Electronics

  408-9450 Datasheet HTML 1Page - Tyco Electronics 408-9450 Datasheet HTML 2Page - Tyco Electronics 408-9450 Datasheet HTML 3Page - Tyco Electronics 408-9450 Datasheet HTML 4Page - Tyco Electronics 408-9450 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Instruction Sheet
Terminating Head 58392-1
For MTA Quad Connectors
408-9450
LOC B
1 of 5
E2008 Tyco Electronics Corporation, Harrisburg, PA
All International Rights Reserved
TE logo and Tyco Electronics are trademarks.
*Trademark. Other products, logos, and company names used are the property of their respective owners.
TOOLING ASSISTANCE CENTER 1-800-722-1111
PRODUCTINFORMATION 1-800-522-6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.tycoelectronics.com
19 FEB 08 Rev B
Using Discrete Wire
Figure 1
Locating
Pawl
Adjuster
(Insertion Rod)
Wire
Inserter
Feed
Slide
Tool
Base
Mass Termination Assembly (MTA) Quad
Insulation Displacement Contact (IDC)
Connectors
With
Polarizing Tabs
Without
Polarizing Tabs
Wire
Guide
1. INTRODUCTION
Terminating Head 58392–1 (shown in Figure 1) is
designed to terminate discrete wire in MTA Quad IDC
connectors with or without polarizing tabs. Slotted
high–current contacts for insulation displacement
termination are pre–assembled on 3.96–mm
[.156–in.] centerlines in each color–coded housing for
a specific wire size.
The head must be installed in Pistol Grip Manual
Handle Assembly 58074–1, Pistol Grip Pneumatic
Handle Assembly 58075–1, or Pneumatic Bench
Power Assembly 58338–1. For head installation and
removal, refer to Instruction Sheet 408–6790 for the
manual handle assembly, 408–6789 for the
pneumatic handle assembly, or 408–9393 for the
bench power assembly.
For detailed connector description and application
requirements, refer to Application Specification
114–1048.
Read these and all referenced instructions thoroughly
before using the head.
All numerical valuesin thisinstruction sheet are
in metric units[with U.S. customary unitsin
brackets]. Dimensions are in millimeters [and
inches]. Figures are not drawn to scale.
Reasons for reissue of this instruction sheet are
provided in Section 8, REVISION SUMMARY.
2. DESCRIPTION
The head serves as a guide and support for the
connector during termination. Features of the head
(shown in Figure 1) and their function are as follows.
Wire Inserter — forces the wire into the two slotted
beams of the contact. Note that it provides support for
the contact beams when applying insertion force on
the wire.
Adjuster (Insertion Rod) — is a piston for the wire
inserter and regulates wire inserter travel.
Feed Slide — automatically positions the connector
after each termination.
Locating Pawl (or Anti–Backup Pawl) — aligns the
connector for insertion, and retains it during
termination.
3. SETUP AND TEST INSPECTION
The adjuster (insertion rod) is preset for wire sizes 22
through 18 AWG. If the wire is being inserted too
deeply or not deeply enough inside the contact, it may
be necessary to adjust the depth of the wire inserter
or, in addition, if the pneumatic handle assembly is
being used, it may be necessary to adjust the air
pressure. Proceed as follows:
3.1. Setup
1. Determine the wire size, and select the
appropriate color–coded connector from Figure 2.
WIRE SIZE (AWG)
CONNECTOR COLOR CODE
22
Red
20
Yellow
18
Orange
Figure 2
NOTE
i


Số phần tương tự - 408-9450

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
408-9451 MACOM-408-9451 Datasheet
86Kb / 2P
This instruction sheet covers the use of Extraction
408-9452 MACOM-408-9452 Datasheet
90Kb / 2P
This instruction sheet covers Extraction Tools
logo
TE Connectivity Ltd
408-9453 TEC-408-9453 Datasheet
366Kb / 4P
Extraction/Lance Reset
More results

Mô tả tương tự - 408-9450

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
408-4354 MACOM-408-4354 Datasheet
244Kb / 5P
Read these instructions thoroughly before crimping any contacts
logo
TE Connectivity Ltd
408-8678 TEC-408-8678 Datasheet
333Kb / 6P
Read these instructions thoroughly before using the tool assembly.
logo
Tyco Electronics
408-8646 MACOM-408-8646 Datasheet
111Kb / 2P
Read these instructions before using the extraction tool.
408-6794 MACOM-408-6794 Datasheet
270Kb / 5P
Read these and all referenced instructions thoroughly before using the head.
408-8535 MACOM-408-8535 Datasheet
99Kb / 2P
Read these instructions thoroughly before operating the shut-height gage.
logo
TE Connectivity Ltd
408-6930 TEC-408-6930 Datasheet
172Kb / 5P
Read these and all referenced instructions thoroughly before using the head.
logo
Tyco Electronics
408-9242 MACOM-408-9242 Datasheet
216Kb / 4P
Read these and all referenced materials before using the die assemblies.
408-8810 MACOM-408-8810 Datasheet
208Kb / 3P
Read and understand these instructions before using the seating tool.
408-9913 MACOM-408-9913 Datasheet
149Kb / 3P
Read these instructions thoroughly before using the seating tool.
logo
TE Connectivity Ltd
408-10155 TEC-408-10155 Datasheet
349Kb / 4P
Read these instructions thoroughly before using the seating tool kit.
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com