| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM9074 bảng dữ liệu(PDF) 4 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM9074 bảng dữ liệu(HTML) 4 Page - National Semiconductor (TI) |
|
4 / 9 page ![]() Typical Performance Characteristics (T A = 25˚C unless indicated otherwise) (Continued) ON/OFF, Keep-Alive and Safety Latch-Off Control Diagrams Note: If Keep-Alive is provided by a microprocessor powered by the output voltage of the LM9074, the logic “1” voltage level will track VOUT as the regulator turns OFF. Reset Delay Time vs Temperature DS101305-13 Simple ON/OFF control (Keep-Alive input must be high to turn OFF output) DS101305-18 Keep-Alive Mode; Turn ON with ON/OFF control, Keep output biased with Keep-Alive input, Turn OFF with Keep-Alive (Keep-Alive low keeps output ON, Keep-Alive going high turns output OFF) DS101305-19 Switch ON with ON/OFF input; Keep output biased with Keep-Alive; Hold ouput ON with ON/OFF; Turn OFF with ON/OFF input. (Temporary Keep-Alive Mode) DS101305-20 Safety Latch OFF of V OUT when in Keep-Alive Mode (ON/OFF going high required to turn Output back ON) DS101305-21 www.national.com 4 |