| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM9072T bảng dữ liệu(PDF) 10 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM9072T bảng dữ liệu(HTML) 10 Page - National Semiconductor (TI) |
|
10 / 15 page ![]() Application Information (Continued) Safety Latch-OFF To address a system FMEA (Failure Mode Effects Analysis) issue the Keep-Alive high level should be derived from the Tracking output regulator as shown in Figure 6. The issue stems from the “what-if” scenario whereby the system is in the Keep-Alive state and there is a short to ground on the Tracking Output regulator. If this output is powering remote sensors or systems, this becomes a more highly possible fault condition. Since a short on the Tracking output does not affect the Main output, which, if used to provide the Keep-Alive input signal, would remain ON and draw 120 mA, the short circuit current of the Tracking regulator, from the in- put supply. Using the Tracking output supply for Keep-Alive would pre- vent Keep-Alive operation during a short to ground fault and the excessive drain on the input supply. The inversion by the transistor will require a low level from the controller to allow Keep-Alive operation. The 24 k Ω pull-up resistor provides current limiting in the event of a Tracking output short to the unregulated/battery input supply. DS012906-21 FIGURE 5. Simple Logic Configuration to Provide ON/OFF Sensing www.national.com 10 |