công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IRFSL4310 bảng dữ liệu(PDF) 2 Page - International Rectifier

tên linh kiện IRFSL4310
Giải thích chi tiết về linh kiện  HEXFET Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

IRFSL4310 bảng dữ liệu(HTML) 2 Page - International Rectifier

  IRFSL4310 Datasheet HTML 1Page - International Rectifier IRFSL4310 Datasheet HTML 2Page - International Rectifier IRFSL4310 Datasheet HTML 3Page - International Rectifier IRFSL4310 Datasheet HTML 4Page - International Rectifier IRFSL4310 Datasheet HTML 5Page - International Rectifier IRFSL4310 Datasheet HTML 6Page - International Rectifier IRFSL4310 Datasheet HTML 7Page - International Rectifier IRFSL4310 Datasheet HTML 8Page - International Rectifier IRFSL4310 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRF/B/S/SL4310
2
www.irf.com
Notes:
 Calculated continuous current based on maximum allowable junction
temperature. Package limitation current is 75A
‚ Repetitive rating; pulse width limited by max. junction
temperature.
ƒ Limited by TJmax, starting TJ = 25°C, L = 0.35mH
RG = 25Ω, IAS = 75A, VGS =10V. Part not recommended for use
above this value.
„ ISD ≤ 75A, di/dt ≤ 550A/µs, VDD ≤ V(BR)DSS, TJ ≤ 175°C.
… Pulse width ≤ 400µs; duty cycle ≤ 2%.
S
D
G
† Coss eff. (TR) is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
‡ Coss eff. (ER) is a fixed capacitance that gives the same energy as
Coss while VDS is rising from 0 to 80% VDSS.
ˆ When mounted on 1" square PCB (FR-4 or G-10 Material). For recom
mended footprint and soldering techniques refer to application note #AN-994.
‰ Rθ is measured at TJ approximately 90°C
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.064 –––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
5.6
7.0
m
Ω
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
RG
Gate Input Resistance
–––
1.4
–––
Ω
f = 1MHz, open drain
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
160
–––
–––
S
Qg
Total Gate Charge
–––
170
250
nC
Qgs
Gate-to-Source Charge
–––
46
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
62
–––
td(on)
Turn-On Delay Time
–––
26
–––
ns
tr
Rise Time
–––
110
–––
td(off)
Turn-Off Delay Time
–––
68
–––
tf
Fall Time
–––
78
–––
Ciss
Input Capacitance
–––
7670
–––
pF
Coss
Output Capacitance
–––
540
–––
Crss
Reverse Transfer Capacitance
–––
280
–––
Coss eff. (ER) Effective Output Capacitance (Energy Related)i –––
650
–––
Coss eff. (TR) Effective Output Capacitance (Time Related)h
––– 720.1 –––
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
––– 140c
A
(Body Diode)
ISM
Pulsed Source Current
–––
–––
550
(Body Diode)
di
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
45
68
ns
TJ = 25°C
VR = 85V,
–––
55
83
TJ = 125°C
IF = 75A
Qrr
Reverse Recovery Charge
–––
82
120
nC TJ = 25°C
di/dt = 100A/µs
g
–––
120
180
TJ = 125°C
IRRM
Reverse Recovery Current
–––
3.3
–––
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
ID = 75A
RG = 2.6Ω
VGS = 10V
g
VDD = 65V
TJ = 25°C, IS = 75A, VGS = 0V
g
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
d
VGS = 10V, ID = 75A
g
VDS = VGS, ID = 250µA
VDS = 100V, VGS = 0V
VDS = 100V, VGS = 0V, TJ = 125°C
MOSFET symbol
showing the
VDS = 80V
Conditions
VGS = 10V
g
VGS = 0V
VDS = 50V
ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 80V
j, See Fig.11
VGS = 0V, VDS = 0V to 80V
h, See Fig. 5
Conditions
VDS = 50V, ID = 75A
ID = 75A
VGS = 20V
VGS = -20V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com