| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAX96708 bảng dữ liệu(PDF) 55 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX96708 bảng dữ liệu(HTML) 55 Page - Maxim Integrated Products |
|
55 / 68 page ![]() rsvd_ca (0xCA) BIT 7 6 5 4 3 2 1 0 Field RSVD RSVD RSVD RSVD[1:0] RSVD RSVD RSVD Reset 0b Xb Xb XXb Xb Xb Xb Access Type Write, Read Read Only Read Only Read Only Read Only Read Only Read Only BITFIELD BITS DESCRIPTION DECODE RSVD 7 Reserved: Do not change from default value 0: Reserved RSVD 6 Reserved: Do not change from default value X: Reserved RSVD 5 Reserved: Do not change from default value X: Reserved RSVD 4:3 Reserved: Do not change from default value XX: Reserved RSVD 2 Reserved: Do not change from default value X: Reserved RSVD 1 Reserved: Do not change from default value X: Reserved RSVD 0 Reserved: Do not change from default value X: Reserved rsvd_cb (0xCB) BIT 7 6 5 4 3 2 1 0 Field RSVD RSVD RSVD RSVD RSVD RSVD RSVD RSVD Reset Xb Xb Xb Xb Xb Xb Xb 0b Access Type Read Only Read Only Read Only Read Only Read Only Read Only Read Only Write, Read BITFIELD BITS DESCRIPTION DECODE RSVD 7 Reserved: Do not change from default value X: Reserved RSVD 6 Reserved: Do not change from default value X: Reserved RSVD 5 Reserved: Do not change from default value X: Reserved RSVD 4 Reserved: Do not change from default value X: Reserved RSVD 3 Reserved: X: Reserved RSVD 2 Reserved: X: Reserved RSVD 1 Reserved: X: Reserved RSVD 0 Reserved: Do not change from default value 0: Reserved rsvd_cc (0xCC) BIT 7 6 5 4 3 2 1 0 Field RSVD RSVD[6:0] Reset 0b XXXXXXXb Access Type Write, Read Read Only BITFIELD BITS DESCRIPTION DECODE RSVD 7 Reserved: Do not change from default value 0: Reserved RSVD 6:0 Reserved: Do not change from default value XXXXXXX: Reserved www.maximintegrated.com Maxim Integrated │ 55 MAX96708 14-Bit GMSL Deserializer with Coax or STP Cable Input |