công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BISM2 bảng dữ liệu(PDF) 8 Page - Laird Tech Smart Technology

tên linh kiện BISM2
Giải thích chi tiết về linh kiện  The BISM2 Bluetooth Serial Module is one of the most compact complete
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LSTD [Laird Tech Smart Technology]
Trang chủ  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BISM2 bảng dữ liệu(HTML) 8 Page - Laird Tech Smart Technology

Back Button BISM2 Datasheet HTML 4Page - Laird Tech Smart Technology BISM2 Datasheet HTML 5Page - Laird Tech Smart Technology BISM2 Datasheet HTML 6Page - Laird Tech Smart Technology BISM2 Datasheet HTML 7Page - Laird Tech Smart Technology BISM2 Datasheet HTML 8Page - Laird Tech Smart Technology BISM2 Datasheet HTML 9Page - Laird Tech Smart Technology BISM2 Datasheet HTML 10Page - Laird Tech Smart Technology BISM2 Datasheet HTML 11Page - Laird Tech Smart Technology BISM2 Datasheet HTML 12Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
BISM2 Bluetooth™
Hardware Integration Guide
Embedded Wireless Solutions Support
Center: http://ews-
support.lairdtech.com
www.lairdtech.com/bluetooth
8
Laird
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852-2268-6567 x026
Pin 8 (UART_DCD) is active low. It is normally 3.3v. When a connection is live this pin is low. This
means that when this pin is converted to RS232 voltage levels it will have the correct voltage level for
assertion.
Pin 10 (UART_DSR) is an input, with active low logic. It should be connected to the DTR output of
the host. When the BISM2 module is in high speed mode (See definition for S Register 507), this pin
should be asserted by the host to ensure that the connection is maintained. A deassertion is taken to
mean that the connection should be dropped, or an online command mode is being requested.
Pin 27 (VCC_3V3 monitor) may only be used for monitoring purposes. It must not be used as a
current source.
The GPIO pins can be accessed using S Registers 621 to 628. GPIO4 is connected to an LED on the
module. If these I/O pins are set for input, then the LED will be driven by the host and appropriate
drive current requirements must be satisfied. A Logic 1 switches on the LED. GPIO3 is also used for
DTR output (active low). See S Register 552 & 553.
Analogue 0 and 1 should not exceed 1.8v and S Registers 701 and 702 are used to access them.
3.3 Electrical Specifications
3.3.1 Absolute Maximum Ratings
Absolute maximum ratings for supply voltage and voltages on digital and analogue pins of the module are
listed below.
WARNING: Exceeding these values causes permanent damage to the module.
Parameter
Min
Max
Unit
Peak current of power
supply
0
100
mA
Voltage at digital pins
-0.3
3.7
V
Voltage at POWER pin
3.6
7
V
3.3.2 Recommended Operating Parameters
3.3.2.1
Power Supply
Signal Name
Pin No.
I/O
Voltage Level
Comments
Vcc
29
I
3.6 V to 7.0 V
Ityp – 30 mA
GND
11, 15, 18, 30, 36, 38
6 Ground terminals to be attached in
parallel
VCC_3V3
27
O
3.3 V typical
For monitoring only. No current source.
3.3.2.2
RS232 Interface
Signal Name
Pin No.
I/O
Voltage Level
Comments
UART_TX
21
O
VOLmax = 0.2 V
VOHmin = 2.8 V
Ityp – 30 mA
UART_RX
25
I
VILmax = 0.8 V
6 Ground terminals to be attached in parallel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com