| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS950908 bảng dữ liệu(PDF) 14 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS950908 bảng dữ liệu(HTML) 14 Page - Integrated Circuit Systems |
|
14 / 22 page ![]() 14 Integrated Circuit Systems, Inc. ICS950908 Preliminary Product Preview 0653A—07/26/04 Electrical Characteristics - CPUCLKT/C_CS TA = 0 - 70ÜC; VDD = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Output High Voltage VOH2B IOH = -12.0 mA 2 V Output Low Voltage VOL2B IOL = 12 mA 0.4 V Output High Current IOH2B VOH = 1.7 V -19 mA Output Low Current IOL2B VOL = 0.7 V 19 mA Rise Time tr2B 1 VOL = 0.4 V, VOH = 2.0 V 1.6 ns Differential Crossover Voltage 1 VX Note 3 455055 % Duty Cycle dt2B 1 VT = 1.25 V 45 55 % Skew tsk2B 1 VT = 1.25 V 175 ps Jitter, Cycle-to-cycle tjcyc-cyc2B 1 VT = 1.25 V 250 ps Jitter, One Sigma tj1s2B 1 VT = 1.25 V 150 ps Jitter, Absolute tjabs2B 1 VT = 1.25 V -250 +250 ps 1Guaranteed by design, not 100% tested in production. Electrical Characteristics - CPUCLKC/T TA = 0 - 70º C; VDD = 3.3 V +/-5%; (unless otherwise stated) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Current Source Output Impedance ZO VO = VX 3000 W Output High Voltage VOH 0.71 1.2 V Output High Current IOH -13.92 mA Rise Time 1 tr VOL = 20%, VOH = 80% 175 700 ps Differential Crossover Voltage 1 VX Note 3 455055 % Duty Cycle 1 dt VT = 50% 455155 % Skew 1, CPU to CPU tsk VT = 50% 150 ps Jitter, Cycle-to-cycle 1 tjcyc-cyc VT = VX 200 ps Notes: 1 - Guaranteed by design, not 100% tested in production. VR = 475Ω +1%; IREF = 2.32mA; IOH = 6*IREF |