| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS85356AGILF bảng dữ liệu(PDF) 5 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS85356AGILF bảng dữ liệu(HTML) 5 Page - Integrated Circuit Systems |
|
5 / 14 page ![]() 85356AMI www.icst.com/products/hiperclocks.html REV. A OCTOBER 7, 2004 5 Integrated Circuit Systems, Inc. ICS85356I 2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL / ECL CLOCK MULTIPLEXER PARAMETER MEASUREMENT INFORMATION OUTPUT SKEW DIFFERENTIAL INPUT LEVEL 3.3V OUTPUT LOAD AC TEST CIRCUIT SCOPE Qx nQx LVPECL 2V t PD PROPAGATION DELAY OUTPUT RISE/FALL TIME OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD -1.3V ± 0.165V Clock Outputs 20% 80% 80% 20% tR t F VSWING Pulse Width t PERIOD t PW t PERIOD odc = Q0, Q1 nQ0, nQ1 V CMR Cross Points V PP V CC V EE CLKxA, CLKxB nCLKxA, nCLKxB CLKxA, CLKxB nCLKxA, nCLKxB Q0, Q1 nQ0, nQ1 V CC V EE tsk(o) nQx Qx nQy Qy |