| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS85356AMI bảng dữ liệu(PDF) 13 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS85356AMI bảng dữ liệu(HTML) 13 Page - Integrated Circuit Systems |
|
13 / 14 page ![]() 85356AMI www.icst.com/products/hiperclocks.html REV. A OCTOBER 7, 2004 13 Integrated Circuit Systems, Inc. ICS85356I 2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL / ECL CLOCK MULTIPLEXER TABLE 9. ORDERING INFORMATION While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its use or for infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial and industrial applications. Any other applications such as those requiring high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments. r e b m u N r e d r O / t r a Pg n i k r a Me g a k c a Pt n u o Ce r u t a r e p m e T I M A 6 5 3 5 8 S C II M A 6 5 3 5 8 S C IC I O S d a e l 0 2e b u t r e p 8 3C ° 5 8 o t C ° 0 4 - T I M A 6 5 3 5 8 S C II M A 6 5 3 5 8 S C Il e e R d n a e p a T n o C I O S d a e l 0 20 0 0 1C ° 5 8 o t C ° 0 4 - I G A 6 5 3 5 8 S C II G A 6 5 3 5 8 S C IP O S S T d a e l 0 2e b u t r e p 2 7C ° 5 8 o t C ° 0 4 - T I G A 6 5 3 5 8 S C II G A 6 5 3 5 8 S C Il e e R d n a e p a T n o P O S S T d a e l 0 20 0 5 2C ° 5 8 o t C ° 0 4 - F L I G A 6 5 3 5 8 S C IL I G A 6 5 3 5 8 S C IP O S S T " e e r F d a e L " d a e l 0 2e b u t r e p 2 7C ° 5 8 o t C ° 0 4 - T F L I G A 6 5 3 5 8 S C IL I G A 6 5 3 5 8 S C I e p a T n o P O S S T " e e r F d a e L " d a e l 0 2 l e e R d n a 0 0 5 2C ° 5 8 o t C ° 0 4 - The aforementioned trademark, HiPerClockS™ is a trademark of Integrated Circuit Systems, Inc. or its subsidiaries in the United States and/or other countries. |