| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADP1291 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ADP1291 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 4 page ![]() 28 PF (ADP1) DATA 1. Characteristics data 1-<1> Output characteristics ADP1141 Drive current: 1.5 mA; temperature: 25°C 77°F 1-<2> Offset voltage – temperature characteristics ADP1141 Drive current: 1.5 mA; rating ±5%FS 1-<3> Sensitivity – temperature characteristics (%FS) ADP1141 Drive current: 1.5 mA; rating ±2.5%FS 100 80 60 40 20 0 –20 –40 49 {0.5} 0 98.1 {1} kpa {kgf/cm2} Rated pressure 4 3 2 1 0 –2 –1 25 47 0 32 50 122 Temperature ( °C °F) 4 3 2 1 0 –2 –1 25 47 0 32 50 122 Temperature ( °C °F) 2. Pressure cycle range (0 to rated pressure) Tested sample: ADP1131, temperature: 25°C 77°F –2 –1 0 0 1 2 1 ×105 5 ×105 1×106 Pressure cycle (cycle) –2 –1 0 0 1 2 1 ×105 5 ×105 1×106 Pressure cycle (cycle) Even after testing for 1 million times, the vari- ations in the offset voltage and output span voltage are minimal. 2-<1> Offset voltage range 2-<2> Output span voltage range SPECIFICATIONS Gauge pressure Standard type (With glass base) Type of pressure Type Air (For other medium, please consult us.) Pressure medium 4.9 Rated pressure 0.05 14.7 0.15 34.3 0.35 49.0 0.5 98.1 1.0 196.1 2.0 343.2 3.5 490.3 5.0 833.6 8.5 1.5 times the rated pressure 980.7 10.0 40.0 0.4 Twice the rated pressure 49.0 0.5 Unit: kPa Unit: kgf/cm 2 (approx.) Twice the rated pressure Max. applied pressure –20 to 100 °C –4 to 212°F (no freezing or condensation) Ambient temperature –40 to 120 °C –40 to 248°F (no freezing or condensation) Storage temperature 0 to 50 °C 32 to 122°F 5 to 45 °C 41 to 113 °F 0 to 50 °C 32 to 122 °F Temperature compensation range 1.5 mA DC Drive current (constant current) 100 ±40 mV 43.5 ±22.5 mV 85±45 mV 40 ±20 mV Output span voltage ±20 mV ±15 mV ±25 mV Offset voltage 5000 ±1000 Ω 3300 ±600 Ω 5000±1000 Ω –5 to 50 °C –7 to 122 °F –20 to 100 °C –4 to 212 °F –20 to 70 °C –4 to 158 °F –40 to 120 °C –70 to 248 °F Bridge resistance ±0.7%FS ±0.6%FS ±15%FS ±10%FS ±5.0%FS ±2.5%FS ±10%FS ±1.3%FS ±8%FS ±2.5%FS ±0.5%FS ±0.4%FS ±0.3%FS ±0.2%FS ±0.5%FS ±0.6%FS ±0.3%FS ±0.4%FS ±0.7%FS Linearity Pressure hysteresis Offset voltage-temperature characteristics (0 to 50 °C 32 to 122°F) Sensitivity-temperature characteristics (0 to 50 °C 32 to 122°F) Economy type (Without glass base) Notes) 1. Unless otherwise specified, measurements were taken with a drive current of1.5 mA ±0.01 mA at a temperature of 25°C 77°F and humidity ranging from 25% to 85%. 2. Please consult us if a pressure medium other than air is to be used. 3. This is the regulation which applies within the compensation temperature range. 4. Please consult us if the intended use involves a negative pressure. PF PRESSURE SENSOR 2002.10.23 7:58 PM Page 28 |