công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

X9470 bảng dữ liệu(PDF) 17 Page - Xicor Inc.

tên linh kiện X9470
Giải thích chi tiết về linh kiện  RF Power Amplifier (PA) Bias Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  XICOR [Xicor Inc.]
Trang chủ  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9470 bảng dữ liệu(HTML) 17 Page - Xicor Inc.

Back Button X9470 Datasheet HTML 13Page - Xicor Inc. X9470 Datasheet HTML 14Page - Xicor Inc. X9470 Datasheet HTML 15Page - Xicor Inc. X9470 Datasheet HTML 16Page - Xicor Inc. X9470 Datasheet HTML 17Page - Xicor Inc. X9470 Datasheet HTML 18Page - Xicor Inc. X9470 Datasheet HTML 19Page - Xicor Inc. X9470 Datasheet HTML 20Page - Xicor Inc. X9470 Datasheet HTML 21Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
17 of 25
REV 11.16 3/20/03
www.xicor.com
Preliminary Information
X9470
State 3: PA Standby Mode, DC Bias Adjustment
[Compensation for VGS Drift and Temperature
Variation]
When the Power Amplifier is in Standby Mode the
X9470 allows for dynamic adjustment of the DC bias-
ing point to take into account both VGS drift and tem-
perature variation. Dynamic biasing is achieved with
the X9470 by using the CS, and SCL pins. For exam-
ple, the SCL pin can be a steady clock and the CS pin
can be used as a control signal to enable/disable the
Bias Adjustment Block.
Figure 6 illustrates how the X9470 can be used for
dynamic biasing. Upon the presence of an RF signal,
the CS pin is pulled LOW. This will prevent the X9470
from changing the VBIAS voltage during IDQ peak cur-
rents. Once the RF signal is no longer present, the CS
pin can be enabled (closed loop), SDA high and the
X9470 Bias Adjustment Circuit moves the VBIAS volt-
age (the gate voltage of the FET) to meet the average
IDQ bias point for optimum amplifier performance.
State 4: Power Off Mode
During power saving or power-off modes the X9470
can be shut down via the SHDN pin. This pin pulls the
output of the VBIAS pin LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com