công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS570LS0332PZ bảng dữ liệu(PDF) 53 Page - Texas Instruments

tên linh kiện TMS570LS0332PZ
Giải thích chi tiết về linh kiện  16- and 32-Bit RISC Flash Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332PZ bảng dữ liệu(HTML) 53 Page - Texas Instruments

Back Button TMS570LS0332PZ Datasheet HTML 49Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 50Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 51Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 52Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 53Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 54Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 55Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 56Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 110 page
background image
EVEN Address
TCM BUS
ODD Address
TCM BUS
64 Bit data bus
64 Bit data bus
Upper 32 bits data &
4 ECC bits
Lower 32 bits data &
4 ECC bits
36 Bit
wide
RAM
36 Bit
wide
RAM
36 Bit
wide
RAM
36 Bit
wide
RAM
36 Bit
wide
RAM
36 Bit
wide
RAM
Upper 32 bits data &
4 ECC bits
Lower 32 bits data &
4 ECC bits
36 Bit
wide
RAM
36 Bit
wide
RAM
36 Bit
wide
RAM
36 Bit
wide
RAM
36 Bit
wide
RAM
36 Bit
wide
RAM
TCRAM
Interface 1
PMT I/F
VBUSP I/F
Cortex-R4
B0
TCM
B1
TCM
TCRAM
Interface 2
PMT I/F
VBUSP I/F
TMS570LS0432, TMS570LS0332
www.ti.com
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
6.12 Tightly Coupled RAM Interface Module
Figure 6-11 illustrates the connection of the Tightly Coupled RAM (TCRAM) to the Cortex-R4 CPU.
Figure 6-11. TCRAM Block Diagram
6.12.1 Features
The features of the Tightly Coupled RAM (TCRAM) module are:
•
Acts as slave to the BTCM interface of the Cortex-R4 CPU
•
Supports CPU's internal ECC scheme by providing 64-bit data and 8-bit ECC code
•
Monitors CPU Event Bus and generates single-bit or multibit error interrupts
•
Stores addresses for single-bit and multibit errors
•
Provides CPU address bus integrity checking by supporting parity checking on the address bus
•
Performs redundant address decoding for the RAM bank chip select and ECC select generation logic
•
Provides enhanced safety for the RAM addressing by implementing two 36-bit wide byte-interleaved RAM banks
and generating independent RAM access control signals to the two banks
•
Supports auto-initialization of the RAM banks along with the ECC bits
•
No support for bit-wise RAM accesses
6.12.2 TCRAMW ECC Support
The TCRAMW passes on the ECC code for each data read by the Cortex-R4 CPU from the RAM. It also
stores the CPU's ECC port contents in the ECC RAM when the CPU does a write to the RAM. The
TCRAMW monitors the CPU's event bus and provides registers for indicating single-bit and multibit errors
and also for identifying the address that caused the single-bit or multibit error. The event signaling and the
ECC checking for the RAM accesses must be enabled inside the CPU.
For more information see the device Technical Reference Manual.
6.13
Parity Protection for Accesses to peripheral RAMs
Accesses to some peripheral RAMs are protected by odd/even parity checking. During a read access the
parity is calculated based on the data read from the peripheral RAM and compared with the good parity
value stored in the parity RAM for that peripheral. If any word fails the parity check, the module generates
a parity error signal that is mapped to the Error Signaling Module. The module also captures the
peripheral RAM address that caused the parity error.
Copyright © 2012–2015, Texas Instruments Incorporated
System Information and Electrical Specifications
53
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com