| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
X9410 bảng dữ liệu(PDF) 4 Page - Xicor Inc. |
|
|
|||||||||||||||||||||||||||||
X9410 bảng dữ liệu(HTML) 4 Page - Xicor Inc. |
|
4 / 21 page ![]() X9410 Characteristics subject to change without notice. 4 of 21 REV 1.1 10/6/00 www.xicor.com Write in Process The contents of the Data Registers are saved to nonvolatile memory when the CS pin goes from LOW to HIGH after a complete write sequence is received by the device. The progress of this internal write operation can be monitored by a Write In Process bit (WIP). The WIP bit is read with a Read Status command. INSTRUCTIONS Identification (ID) Byte The first byte sent to the X9410 from the host, following a CS going HIGH to LOW, is called the Identification byte. The most significant four bits of the slave address are a device type identifier, for the X9410 this is fixed as 0101[B] (refer to Figure 2). The two least significant bits in the ID byte select one of four devices on the bus. The physical device address is defined by the state of the A0-A1 input pins. The X9410 compares the serial data stream with the address input state; a successful compare of both address bits is required for the X9410 to successfully continue the command sequence. The A0–A1 inputs can be actively driven by CMOS input signals or tied to VCC or VSS. The remaining two bits in the ID byte must be set to 0. Figure 2. Identification Byte Format Instruction Byte The next byte sent to the X9410 contains the instruction and register pointer information. The four most significant bits are the instruction. The next four bits point to one of the two pots and when applicable they point to one of four associated registers. The format is shown below in Figure 3. 1 00 0 0 A1 A0 Device Type Identifier Device Address 1 Figure 1. Detailed Potentiometer Block Diagram Serial Data Path From Interface Circuitry Register 0 Register 1 Register 2 Register 3 Serial Bus Input Parallel Bus Input Wiper Counter Register INC/DEC Logic UP/DN CLK Modified SCL UP/DN VH/RH VL/RL VW/RW If WCR = 00[H] then VW/RW = VL/RL If WCR = 3F[H] then VW/RW = VH/RH 8 6 C o u n t e r D e c o d e (WCR) (One of Two Arrays) |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |